Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 207 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 207 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 203Page - Tyco Electronics ADE10SA Datasheet HTML 204Page - Tyco Electronics ADE10SA Datasheet HTML 205Page - Tyco Electronics ADE10SA Datasheet HTML 206Page - Tyco Electronics ADE10SA Datasheet HTML 207Page - Tyco Electronics ADE10SA Datasheet HTML 208Page - Tyco Electronics ADE10SA Datasheet HTML 209Page - Tyco Electronics ADE10SA Datasheet HTML 210Page - Tyco Electronics ADE10SA Datasheet HTML 211Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 326 page
background image
G8
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
G
1.125
[28.58]
.255
[6.48]
1.200
[30.48]
3100 Series
3100 Series Rotary Switches
Alcoswitch Rotary Switches
provide a highly reliable
means of manually
programming various types
of electronic equipment. They
are specifically designed for
logic level circuitry, but are
capable of controlling
electrical circuits that operate
at current ratings of 2
amperes, 115 VAC
(nonswitching) and up to 125
milliamperes, 115 VAC
(switching).
Positive detent action, with a
quick make/break operation,
is provided by durable
stainless steel balls and
springs as well as the detents
which form an integral part of
the housing. All contact
surfaces are fully enclosed
within the housing, thus
greatly reducing operational
failures due to dirty contacts.
The contacts are made of
phosphor bronze with gold-
over-nickel plating.
Alcoswitch Rotary Switches
can be supplied with a variety
of options to afford complete
application versatility and
adaptability. Output codes
include decimal, BCD and
BCD complement with 10,
12, 16, 24 and 32 switching
positions.
Interconnection of switches
may be achieved by the use
of AMPMODU receptacles.
Stops supplied with the
switches may be customer
installed when it is desired to
limit rotation to less than
360°.
Product Facts
n Code flexibility — switch
output capabilities include
decimal, BCD and BCD
complement, and various
other codes
n Positive switching —
positive detent action of
stainless steel detent
balls and springs assures
error-free operation
n Enclosed contacts —
contact surfaces are better
protected against dirt, dust
and other environmental
hazards
PERFORMANCE CHARACTERISTICS
Circuit Current Rating—
Nonswitching — 2.0 amperes at 115 VAC max.
Switching (Resistive Load) — 125 milliamperes at 115 VAC
max.
Dielectric Withstanding Voltage—
500 VDC
Insulation Resistance—
1 x 108 ohms min. at 100 VDC
Initial Contact Resistance—
150 milliohms (input terminal to output terminal)
Initial Operating Force—
1⁄2 to 2 in.-lbs.
Contact Life Expectancy—
25,000 rotations at rated load
Operating Temperature—
-18°C to +88°C
MATERIALS
Housing—
Polyester, black
Detent Ball and Spring—
Stainless steel
Operating Shaft and Detent—
Thermoplastic, 94V-0 rated, black
Printed Circuit Board—
Flame retardant, glass epoxy laminate, copper clad
Contacts—
Phosphor bronze, gold-over-nickel plated
Hardware—
Brass or corrosion resistant steel
TECHNICAL DOCUMENTS
Product Specification—
108-7518
Instruction Sheet—
408-07936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com