Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 230 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 230 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 226Page - Tyco Electronics ADE10SA Datasheet HTML 227Page - Tyco Electronics ADE10SA Datasheet HTML 228Page - Tyco Electronics ADE10SA Datasheet HTML 229Page - Tyco Electronics ADE10SA Datasheet HTML 230Page - Tyco Electronics ADE10SA Datasheet HTML 231Page - Tyco Electronics ADE10SA Datasheet HTML 232Page - Tyco Electronics ADE10SA Datasheet HTML 233Page - Tyco Electronics ADE10SA Datasheet HTML 234Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 326 page
background image
Tyco
Alcoswitch
Action
Cam
Position
Remove
Electronics
Number
Key
2-1437610-5
M6210
Maintained
22
0
1
2-1437610-7
M6270
Mom. 1 Side
2
2
0
1
2-1437610-8
M6280
Mom. 2 Sides
2
2
0
1
1437617-1
G001
Additional Keys
Indicates momentary return position
Series 6000
Keylock or Pushbutton Switches, 30mm
I
I13
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
1.51
(38.4)
1.85
(47.0)
1.34
(34.0)
0.95
(24.0)
1.06
(27.0)
.866
(22.0)
N.C.
N.O.
2
2
0
1
0
1
CAM MOVEMENT
(CAM TYPE 2)
0
1
2
POSITION
60
° THROW
BETWEEN POSITIONS
60
°
60
°
2 POSITION KEY SELECTOR
MAINTAINED OR MOMENTARY
Metal Bushing
Supplied with two keys and legend plate.
Contact blocks not supplied, order separately.
(See page I8)
Tyco
Alcoswitch Action
Cam
Position Throw Remove
Electronics
Number
Key
2-1437610-2
M6200
Maintained
1
0
1
60°
2-1437610-3
M6201
Maintained
1
0
1
60°
2-1437610-6
M6250
Momentary 1
0
1
60°
1437617-1
G001
Additional Keys
Indicates momentary return position
3 POSITION KEY SELECTOR
MAINTAINED OR MOMENTARY
Metal Bushing
Supplied with two keys and legend plate.
Contact blocks not supplied, order separately.
(See page I8.)
ILLUMINATED EXTENDED BUTTON MOMENTARY
Metal Bushing
Lamp not supplied, order separately. (See page I15.) Uses T31/4
miniature bayonet base lamps. Lamp circuit is isolated. Contact blocks
not supplied, order separately. (See page I8)
Model
Special Details
M6120(*)406
Momentary
(*) Specify color by adding suffix number: (2) Red, (4) Yellow, (5) Green, (9) White.
ILLUMINATED MUSHROOM
MAINTAINED OR MOMENTARY
Metal Bushing
Lamp not supplied, order separately. (See page I15.)
Uses miniature bayonet base lamps. Lamp circuit is isolated.
Contact block not supplied, order separately. (See page I8.)
Model
Special Details
M6150(*)406
Momentary
M6153(*)406
Maintained, Push-Pull
(*) Specify color by adding suffix number: (2) Red, (4) Yellow, (5) Green, (9) White.
1.69
(43.0)
1.65
(41.9)
1.58
(40.0)
1.81
(46.0)
.795
(20.2)
.669
(17.0)
1.51
(38.4)
1.85
(47.0)
1.34
(34.0)
0.95
(24.0)
1.06
(27.0)
.866
(22.0)
N.C.
N.O.
POSITION
CAM MOVEMENT
(CAM TYPE 1)
0
1
1.69
(43.0)
1.65
(41.9)
1.34
(34.0)
1.18
(30.0)
1.81
(46.0)
.795
(20.2)
.669
(17.0)
M6150(*)406
M6120(*)406
M62700
M62000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com