Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 231 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 231 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 227Page - Tyco Electronics ADE10SA Datasheet HTML 228Page - Tyco Electronics ADE10SA Datasheet HTML 229Page - Tyco Electronics ADE10SA Datasheet HTML 230Page - Tyco Electronics ADE10SA Datasheet HTML 231Page - Tyco Electronics ADE10SA Datasheet HTML 232Page - Tyco Electronics ADE10SA Datasheet HTML 233Page - Tyco Electronics ADE10SA Datasheet HTML 234Page - Tyco Electronics ADE10SA Datasheet HTML 235Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 326 page
background image
Series 6000
Selector Switches, 30mm, Illuminated
I
I14
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
ILLUMINATED MAINTAINED
SELECTOR
Metal Bushing
Lamp not supplied, order separately. (See page I15.)
G31/2 lamps. Lamp circuit is isolated. Contact blocks not
supplied, order separately. (See page I8.)
2-Position
3-Position
Model
Action
Operator
Operator
O
1
1
O
2
V40 or F40
N.C.
X
O
X
O
O
V50 or F50
N.O.
O
X
O
O
X
Early
VA0 or FA0
N.O.
O
X
O
X
X
Make
VR0 or FR0
N.C.
X
O
X
X
0
Break
1.34
(34.0)
1.81
(46.0)
.795
(20.0)
.585
(14.9)
1.18
(30.0)
N.C.
N.O.
CAM MOVEMENT (CAM TYPE 2)
CAM MOVEMENT (CAM TYPE 1)
0 1
2
POSITION
2.05
(52.0)
1.54
(39.0)
0 1
N.C.
N.O.
POSITION
O=Open
X = Closed
M6650(*)06
Number
Position
Model
Position
Action
Number
M6653(*)406
3
Maintained
2
0
1
M6650(*)406
2
Maintained
0
1
(*) Specify color by adding suffix number: (2) Red, (4) Yellow, (5) Green.
KEY TO SELECTION OF CONTACT BLOCKS
Contact closure variations depend on the contact block models chosen. For these operators listed
use this table for guidance in selecting blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com