Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 252 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 252 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 248Page - Tyco Electronics ADE10SA Datasheet HTML 249Page - Tyco Electronics ADE10SA Datasheet HTML 250Page - Tyco Electronics ADE10SA Datasheet HTML 251Page - Tyco Electronics ADE10SA Datasheet HTML 252Page - Tyco Electronics ADE10SA Datasheet HTML 253Page - Tyco Electronics ADE10SA Datasheet HTML 254Page - Tyco Electronics ADE10SA Datasheet HTML 255Page - Tyco Electronics ADE10SA Datasheet HTML 256Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 326 page
background image
K3
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
K
Alcoknob
General Knob Information
SPECIFICATIONS
A. STANDARD KNOB TYPES
1. INSPECTION CRITERIA - Normal inspection is performed without magnification while holding
knob at a distance of 12 to 14 inches for a period of 5 seconds, under normal light.
The following imperfections are not acceptable:
Finish: visable marks or scratches, runs, or non-uniform coverage.
Artwork: voids, specks, bleeding or other inconsistencies
2. MATERIALS - K Series: Machined aluminum alloy stock
Finish: gloss anodize
Setscrews: Stainless steel, type 303, hex head, cup point
P Series:
General purpose phenolic (thermoset) (Max. Temp. 120-125°C continuous)
Finish: Gloss (except PKX, matte)
Insert: Brass
Setscrews: Stainless steel, hex head, cup point
Inlays: Skirts: Aluminum alloy, spun finish
B. CUSTOM TYPES
1. ALUMINUM
Configuration - most semi-standard or custom designs can be machined. A drawing
is required to provide a quotation. Non-standard shaft hole diameters are available also.
Finish - Anodizing or paint of various colors can be provided. A color chip is required to
ensure proper color shade.
Artwork - alpha-numeric lettering, indicator lines, markings, etc. can be provided.
Silkscreening and other processes are available.
2. PHENOLIC
Configuration - most custom styles can be molded.
Colors - various custom colored standard knobs can be provided. Color chip is required.
Artwork - lettering, markings, etc. can be provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com