Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10SA Datasheet(PDF) 254 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 254 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 250Page - Tyco Electronics ADE10SA Datasheet HTML 251Page - Tyco Electronics ADE10SA Datasheet HTML 252Page - Tyco Electronics ADE10SA Datasheet HTML 253Page - Tyco Electronics ADE10SA Datasheet HTML 254Page - Tyco Electronics ADE10SA Datasheet HTML 255Page - Tyco Electronics ADE10SA Datasheet HTML 256Page - Tyco Electronics ADE10SA Datasheet HTML 257Page - Tyco Electronics ADE10SA Datasheet HTML 258Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 326 page
background image
K5
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
K
K Series
Knobs, Machined Aluminum
KB SERIES
Control Knob with Straight Knurl and Top Line Indicator
Tyco
Electronics Alcoswitch Color
A
B
C
D
E
F
G
3-1437621-6 KB500A1/8
Natural
.500(12.7) .433(11.0) .394(10.0) .472(12.0) .787(20.0) .630(16.0) .610(15.5)
3-1437621-5 KB500A1/4
Natural
.500(12.7) .433(11.0) .394(10.0) .472(12.0) .787(20.0) .630(16.0) .610(15.5)
3-1437621-9 KB500B1/8
Black
.500(12.7) .433(11.0) .394(10.0) .472(12.0) .787(20.0) .630(16.0) .610(15.5)
3-1437621-8 KB500B1/4
Black
.500(12.7) .433(11.0) .394(10.0) .472(12.0) .787(20.0) .630(16.0) .610(15.5)
4-1437621-0 KB700A1/4
Natural
.750(19.0) .673(17.1) .581(15.0) .705(17.9) .787(20.0) .630(16.0) .610(15.5)
4-1437621-2 KB700B1/4
Black
.750(19.0) .673(17.1) .581(15.0) .705(17.9) .787(20.0) .630(16.0) .610(15.5)
4-1437621-4 KB900A1/4
Natural
.930(23.6) .866(22.0) .710(18.0) .902(22.9) .787(20.0) .630(16.0) .610(15.5)
4-1437621-5 KB900B1/4
Black
.930(23.6) .866(22.0) .710(18.0) .902(22.9) .787(20.0) .630(16.0) .610(15.5)
KBS SERIES
Control Knob with Sawcut Indicator
Tyco
Electronics Alcoswitch Color
A
B
C
D
E
F
G
5-1437621-7 KCB500A1/8
Natural .500(12.7) .197(5.08) .374(9.50) .126(3.20) .118(3.00) .335(8.51) .750(19.1)
5-1437621-6 KCB500A1/4
Natural .500(12.7) .197(5.08) .374(9.50) .252(6.40) .118(3.00) .335(8.51) .750(19.1)
5-1437621-9 KCB500B1/8
Black
.500(12.7) .197(5.08) .374(9.50) .126(3.20) .118(3.00) .335(8.51) .750(19.1)
5-1437621-8 KCB500B1/4
Black
.500(12.7) .197(5.08) .374(9.50) .252(6.40) .118(3.00) .335(8.51) .750(19.1)
6-1437621-0 KCB600A1/8
Natural .618(15.7) .197(5.08) .394(10.0) .126(3.20) .118(3.00) .335(8.51) .750(19.1)
KCB600A1/4
Natural .618(15.7) .197(5.08)
.39410.0)
.252(6.40) .118(3.00) .335(8.51) .750(19.1)
6-1437621-2 KCB600B1/8
Black
.618(15.7) .197(5.08) .394(10.0) .126(3.20) .118(3.00) .335(8.51) .750(19.1)
6-1437621-1 KCB600B1/4
Black
.618(15.7) .197(5.08) .394(10.0) .252(6.40) .118(3.00) .335(8.51) .750(19.1)
6-1437621-3 KCB700A1/4
Natural .746(18.8) .197(5.08) .512(13.0) .250(6.35) .118(3.00) .335(8.51) .898(22.8)
6-1437621-4 KCB700B1/4
Black
.746(18.8) .197(5.08) .512(13.0) .250(6.35) .118(3.00) .335(8.51) .898(22.8)
6-1437621-5 KCB900A1/4
Natural .937(23.8) .197(5.08) .709(18.0) .250(6.35) .118(3.00) .335(8.51) .898(22.8)
6-1437621-7 KCB900B1/4
Black
.937(23.8) .197(5.08) .709(18.0) .250(6.35) .118(3.00) .335(8.51) .898(22.8)
Control Knob with Straight Knurl and Skirt
Tyco
Electronics Alcoswitch Color
A
B
C
D
E
F
G
With 0-9 Numerals (36°)
4-1437621-9 KBS500A101/8
Natural .500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7)
KBS500A101/4
Natural .500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7)
5-1437621-3 KBS500B101/8
Black
.500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7)
5-1437621-2 KBS500B101/4
Black
.500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7)
With Indicator Line
4-1437621-8 KBS500A1/8
Natural .500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7)
4-1437621-7 KBS500A1/4
Natural .500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7)
5-1437621-1 KBS500B1/8
Black
.500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7)
5-1437621-0 KBS500B1/4
Black
.500(12.7) .433(11.0) .708(18.0) 1.00(25.4) .950(24.1) .826(21.0) .655(16.7)
KB500A1/4
KB900B1/4
120
°
NO. 6-32 SET SCREW
2 PLACES
INDICATOR LINE
A
.118
(3.00)
.315
(8.00)
G
.050
(1.53)
D
B
C
1/8" SHAFT=.126" (3.20)
1/4" SHAFT=.251" (6.37)
F
E
(LACQUER FILLED)
120
°
NO. 6-32
SET SCREW
2 PLACES
INDICATOR
LINE
D
.393
(9.98)
.157
(3.99)
.236
(5.99)
G
A B
C
D
1/8" SHAFT=.126" (3.20)
1/4" SHAFT=.251" (6.38)
F
E
60
°
60
°
SAWCUT
INDICATOR
A
.217
(5.51)
.354
(8.99)
NO. 4-40
SET SCREW
2 PLACES
F
E
D
B
C
G
1/8" SHAFT=.126" (3.20)
1/4" SHAFT=.251" (6.38)
KCB SERIES
KBS500A101/4
KCB700B1/4
KCB500A1/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com