Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UVC-265 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # UVC-265
Description  UVC-265 is an AlGaN based, narrow bandwidth, 265nm LED available in different configurations
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVC-265 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  UVC-265 Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVC-265 Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVC-265 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.roithner-laser.com
- 3 -
25/04/2013
Optical Characteristics
Far Field Pattern @ 20mA
Packaging Options
Designation
Description
UVC-265OC
TO-39, open can
UVC-265FW
TO-39, flat window
UVC-265HL
TO-39, hemispherical lens
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com