Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UVC-265 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # UVC-265
Description  UVC-265 is an AlGaN based, narrow bandwidth, 265nm LED available in different configurations
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVC-265 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  UVC-265 Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVC-265 Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVC-265 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.roithner-laser.com
- 1 -
25/04/2013
UVC-265
Description
UVC-265 is an AlGaN based, narrow bandwidth, 265nm LED available in different configurations.
Deep UV LEDs are widely used for water sterilization, air purification, germicidal and medical
applications, diagnostics, and laboratory testing.
Maximum Ratings
Parameter
Symbol
Values
Unit
Min.
Max.
Power Dissipation
PD
220
mW
Forward Current
IF
40
mA
Reverse Voltage (IR=10µA)
VR
>4
V
Reverse Current (VR=5V)
IR
<20
µA
Operating Temperature
TOPR
-20
50
°C
Storage Temperature
TSTG
- 20
85
°C
Soldering Temperature (max.5s)
TSOLDER
190
°C
Specifications (T
CASE = 25°C, IF = 20 mA)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Peak Wavelength
λ
peak
260
265
270
nm
Optical Output Power
PO
0.7
mW
Spectral width
∆λ
11
nm
Operating Voltage
VF
9.5
V
Life Time
TL
20
h


Similar Part No. - UVC-265

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVC-5623 UOT-UVC-5623 Datasheet
72Kb / 5P
0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
UVC-5623E UOT-UVC-5623E Datasheet
72Kb / 5P
0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
UVC-5623G UOT-UVC-5623G Datasheet
72Kb / 5P
0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
UVC-5623Y UOT-UVC-5623Y Datasheet
72Kb / 5P
0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
UVC-5723 UOT-UVC-5723 Datasheet
72Kb / 5P
0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
More results

Similar Description - UVC-265

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HMC10A JLWORLD-HMC10A Datasheet
48Kb / 1P
Different sensitivity level is available upon request
HMO06A JLWORLD-HMO06A Datasheet
800Kb / 1P
Different sensitivity level is available upon request
HMO06B JLWORLD-HMO06B Datasheet
1Mb / 1P
Different sensitivity level is available upon request
HMO06C JLWORLD-HMO06C Datasheet
576Kb / 1P
Different sensitivity level is available upon request
HMO10A JLWORLD-HMO10A Datasheet
1Mb / 1P
Different sensitivity level is available upon request
SDMO07A JLWORLD-SDMO07A Datasheet
704Kb / 1P
Different sensitivity level is available upon request
SDMO07C JLWORLD-SDMO07C Datasheet
587Kb / 1P
Different sensitivity level is available upon request
SMO04A JLWORLD-SMO04A Datasheet
329Kb / 1P
Different sensitivity level is available upon request
SMO05A JLWORLD-SMO05A Datasheet
925Kb / 1P
Different sensitivity level is available upon request
SMO06C JLWORLD-SMO06C Datasheet
1,021Kb / 1P
Different sensitivity level is available upon request
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com