Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5258BRMZ10-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5258BRMZ10-R7
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ10-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5258BRMZ10-R7 Datasheet HTML 12Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 13Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 14Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 15Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 16Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 17Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 18Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 19Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5258
Data Sheet
Rev. D | Page 16 of 24
I2C BYTE FORMATS
The following generic, write, read, and store/restore control
registers for the AD5258 refer to the device addresses listed in
Table 5, and following is the mode/condition reference key.
•
S = Start Condition
•
P = Stop Condition
•
SA = Slave Acknowledge
•
MA = Master Acknowledge
•
NA = No Acknowledge
•
W = Write
•
R = Read
•
X = Don’t Care
•
AD1 and AD0 are two-state address pins.
Table 5. Device Address Lookup
AD1 Address Pin
AD0 Address Pin
I2 C Device Address
0
0
0011000
1
0
0011010
0
1
1001100
1
1
1001110
GENERIC INTERFACE
Table 6. Generic Interface Format
S
7-Bit Device Address
(See Table 5)
R/W SA C2 C1 C0 A4 A3 A2 A1 A0 SA D7 D6 D5 D4 D3 D2 D1 D0 SA P
Slave Address Byte
Instruction Byte
Data Byte
Table 7. RDAC-to-EEPROM Interface Command Descriptions
C2
C1
C0
Command Description
0
0
0
Operation between I2C and RDAC
0
0
1
Operation between I2C and EEPROM
0
1
0
Operation between I 2C and Write Protection Register. See Table 10.
1
0
0
NOP
1
0
1
Restore EEPROM to RDAC1
1
1
0
Store RDAC to EEPROM
1
This command leaves the device in the EEMEM read power state, which consumes power. Issue the NOP command to return the device to its idle state.
WRITE MODES
Table 8. Writing to RDAC Register
S
7-Bit Device Address
(See Table 5)
0
SA
0 0 0 0 0 0 0 0
SA
X X
D5
D4
D3
D2
D1
D0
SA P
Slave Address Byte
Instruction Byte
Data Byte
Table 9. Writing to EEPROM Register
S
7-Bit Device Address
(See Table 5)
0
SA
0 0 1 0 0 0 0 0
SA
X
X
D5
D4
D3
D2
D1
D0
SA
P
Slave Address Byte
Instruction Byte
Data Byte
The wiper’s default value prior to programming the EEPROM is midscale.
Table 10. Activating/Deactivating Software Write Protect
S
7-Bit Device Address
(See Table 5)
0
SA
0
1
0
0
0
0
0
0
SA
0
0
0
0
0
0
0
WP
SA
P
Slave Address Byte
Instruction Byte
Data Byte
To activate the write protection mode, the WP bit in Table 10 must be logic high. To deactivate the write protection, the command must
be resent except with the WP in logic zero state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com