Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5258BRMZ10-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5258BRMZ10-R7
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ10-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5258BRMZ10-R7 Datasheet HTML 13Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 14Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 15Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 16Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 17Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 18Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 19Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 20Page - Analog Devices AD5258BRMZ10-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD5258
Rev. D | Page 17 of 24
READ MODES
Read modes are referred to as traditional because the first two
bytes for all three cases are dummy bytes that function to place
the pointer toward the correct register. This is the reason for the
repeat start. In theory, this step can be avoided if the user is
interested in reading a register that was previously written to.
For example, if the EEPROM was just written to, the user can
skip the two dummy bytes and proceed directly to the slave
address byte followed by the EEPROM readback data.
Table 11. Traditional Readback of RDAC Register Value
S
7-Bit Device Address
(See Table 5)
0 SA 0 0 0 0 0 0 0 0 SA S
7-Bit Device Address
(See Table 5)
1 SA X X D5 D4 D3 D2 D1 D0 NA P
Slave Address Byte
Instruction Byte
Slave Address Byte
Read-back Data
↑
Repeat Start
Table 12. Traditional Readback of Stored EEPROM Value
S
7-Bit Device Address
(See Table 5)
0 SA 0 0 1 0 0 0 0 0 SA S
7-Bit Device Address
(See Table 5)
1 SA X X D5 D4 D3 D2 D1 D0 NA P
Slave Address Byte
Instruction Byte
Slave Address Byte
Read-back Data
↑
Repeat Start
STORE/RESTORE MODES
Table 13. Storing RDAC Value to EEPROM
S
7-Bit Device Address
(See Table 5)
0
SA
1
1
0
0
0
0
0
0
SA
P
Slave Address Byte
Instruction Byte
Table 14. Restoring EEPROM to RDAC1
S
7-Bit Device Address
(See Table 5)
0
SA
1
0
1
0
0
0
0
0
SA
P
Slave Address Byte
Instruction Byte
1
User should issue an NOP command immediately after this command to conserve power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com