Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5258BRMZ100-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5258BRMZ100-R7
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ100-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD5258BRMZ100-R7 Datasheet HTML 1Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 2Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 3Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 4Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 5Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 6Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 7Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 8Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5258
Data Sheet
Rev. D | Page 4 of 24
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
POWER SUPPLIES
Power Supply Range
VDD
2.7
5.5
V
Positive Supply Current
IDD
0.5
2
µA
Logic Supply
VLOGIC
2.7
5.5
V
Logic Supply Current
ILOGIC
VIH = 5 V or VIL = 0 V
−40°C < TA < 85°C
3
6
µA
85°C < TA < 125°C
9
µA
Programming Mode Current (EEPROM)
ILOGIC(PROG)
VIH = 5 V or VIL = 0 V
35
mA
Power Dissipation
PDISS
VIH = 5 V or VIL = 0 V,
VDD = 5 V
20
40
µW
Power Supply Rejection Ratio
PSRR
VDD = +5 V ± 10%,
Code = 0x20
±0.01
±0.06
%/%
DYNAMIC CHARACTERISTICS
Bandwidth −3 dB
BW
Code = 0x20
RAB = 1 kΩ
18000
kHz
RAB = 10 kΩ
1000
kHz
RAB = 50 kΩ
190
kHz
RAB = 100 kΩ
100
kHz
Total Harmonic Distortion
THDW
RAB = 10 kΩ, VA = 1 V rms,
VB = 0, f = 1 kHz
0.1
%
VW Settling Time
tS
RAB = 10 kΩ, VAB = 5 V,
±1 LSB error band
500
ns
Resistor Noise Voltage Density
eN_WB
RWB = 5 kΩ, f = 1 kHz
9
nV/√Hz
1 Typical values represent average readings at 25°C and VDD = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com