Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5258BRMZ100-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5258BRMZ100-R7
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ100-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD5258BRMZ100-R7 Datasheet HTML 1Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 2Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 3Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 4Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 5Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 6Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 7Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 8Page - Analog Devices AD5258BRMZ100-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD5258
Rev. D | Page 5 of 24
TIMING CHARACTERISTICS
VDD = VLOGIC = 5 V ± 10%, or 3 V ± 10%; VA = VDD; VB = 0 V; −40°C < TA < +85°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
I2C INTERFACE TIMING CHARACTERISTICS
SCL Clock Frequency
fSCL
0
400
kHz
tBUF Bus-Free Time Between Stop and Start
t1
1.3
µs
tHD;STA Hold Time (Repeated start)
t2
After this period, the first clock pulse is
generated.
0.6
µs
tLOW Low Period of SCL Clock
t3
1.3
µs
tHIGH High Period of SCL Clock
t4
0.6
µs
tSU;STA Setup Time for Repeated Start Condition
t5
0.6
µs
tHD;DAT Data Hold Time
t6
0
0.9
µs
tSU;DAT Data Setup Time
t7
100
ns
tF Fall Time of Both SDA and SCL Signals
t8
300
ns
tR Rise Time of Both SDA and SCL Signals
t9
300
ns
tSU;STO Setup Time for Stop Condition
t10
0.6
µs
EEPROM Data Storing Time
tEEMEM_STORE
26
ms
EEPROM Data Restoring Time at Power On1
tEEMEM_RESTORE1
VDD rise time dependant. Measure with-
out decoupling capacitors at VDD and GND.
300
µs
EEPROM Data Restoring Time upon Restore
Command1
tEEMEM_RESTORE2
VDD = 5 V.
300
µs
EEPROM Data Rewritable Time2
tEEMEM_REWRITE
540
µs
FLASH/EE MEMORY RELIABILITY
Endurance3
100
700
kCycles
Data Retention4
100
Years
1
During power-up, the output is momentarily preset to midscale before restoring EEPROM content.
2
Delay time after power-on preset prior to writing new EEPROM data.
3
Endurance is qualified to 100,000 cycles per JEDEC Std. 22 Method A117 and is measured at −40°C, +25°C, and +85°C; typical endurance at +25°C is 700,000 cycles.
4
Retention lifetime equivalent at junction temperature (TJ) = 55°C per JEDEC Std. 22, Method A117. Retention lifetime based on an activation energy of 0.6 eV derates
with junction temperature.
t1
SCL
SDA
P
S
P
t3
t2
t8
t9
t8
t9
t4
t5
t7
t6
t10
Figure 3. I2C Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com