Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5764CSUZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD5764CSUZ
Description  Complete Quad, 16-Bit, High Accuracy
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764CSUZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5764CSUZ Datasheet HTML 16Page - Analog Devices AD5764CSUZ Datasheet HTML 17Page - Analog Devices AD5764CSUZ Datasheet HTML 18Page - Analog Devices AD5764CSUZ Datasheet HTML 19Page - Analog Devices AD5764CSUZ Datasheet HTML 20Page - Analog Devices AD5764CSUZ Datasheet HTML 21Page - Analog Devices AD5764CSUZ Datasheet HTML 22Page - Analog Devices AD5764CSUZ Datasheet HTML 23Page - Analog Devices AD5764CSUZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD5764
Data Sheet
Rev. F | Page 20 of 28
The output voltage expression for the AD5764 is given by
TRANSFER FUNCTION
⎥⎦
⎤
⎢⎣
⎡
×
+
×
−
=
536
,
65
4
2
D
V
V
V
REFIN
REFIN
OUT
Table 7 and Table 8 show the ideal input code to output voltage
relationship for the AD5764 for both offset binary and twos
complement data coding, respectively.
where:
D is the decimal equivalent of the code loaded to the DAC.
VREFIN is the reference voltage applied at the REFAB/REFCD pins.
Table 7. Ideal Output Voltage to Input Code Relationship—
Offset Binary Data Coding
Digital Input
Analog Output
ASYNCHRONOUS CLEAR (CLR)
MSB
LSB
VOUTx
1111
1111
1111
1111
+2 VREF × (32,767/32,768)
CLR is a negative edge triggered clear that allows the outputs to
be cleared to either 0 V (twos complement coding) or negative
full scale (offset binary coding). It is necessary to maintain CLR
low for a minimum amount of time (see
) for the operation
to complete. When the
Figure 2
CLR signal is returned high, the output
remains at the cleared value until a new value is programmed. If
at power-on, CLR is at 0 V, then all DAC outputs are updated
with the clear value. A clear can also be initiated through software
by writing Command 0x04XXXX to the AD5764.
1000
0000
0000
0001
+2 VREF × (1/32,768)
1000
0000
0000
0000
0 V
0111
1111
1111
1111
−2 VREF × (1/32,768)
0000
0000
0000
0000
−2 VREF × (32,767/32,768)
Table 8. Ideal Output Voltage to Input Code Relationship—
Twos Complement Data Coding
Digital Input
Analog Output
MSB
LSB
VOUTx
0111
1111
1111
1111
+2 VREF × (32,767/32,768)
0000
0000
0000
0001
+2 VREF × (1/32,768)
0000
0000
0000
0000
0 V
1111
1111
1111
1111
−2 VREF × (1/32,768)
1000
0000
0000
0000
−2 VREF × (32,767/32,768)
Table 9. Input Shift Register Bit Map
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15:DB0
R/W
0
REG2
REG1
REG0
A2
A1
A0
Data
Table 10. Input Shift Register Bit Functions
Bit
Description
R/W
Indicates a read from or a write to the addressed register.
REG2, REG1, REG0
Used in association with the address bits to determine if a read or write operation is to the data register, offset
register, coarse gain register, fine gain register, or function register.
REG2
REG1
REG0
Function
0
0
0
Function register
0
1
0
Data register
0
1
1
Coarse gain register
1
0
0
Fine gain register
1
0
1
Offset register
A2, A1, A0
These bits are used to decode the DAC channels.
A2
A1
A0
Channel Address
0
0
0
DAC A
0
0
1
DAC B
0
1
0
DAC C
0
1
1
DAC D
1
0
0
All DACs
Data
Data bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com