Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5764CSUZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD5764CSUZ
Description  Complete Quad, 16-Bit, High Accuracy
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764CSUZ Datasheet(HTML) 1 Page - Analog Devices

  AD5764CSUZ Datasheet HTML 1Page - Analog Devices AD5764CSUZ Datasheet HTML 2Page - Analog Devices AD5764CSUZ Datasheet HTML 3Page - Analog Devices AD5764CSUZ Datasheet HTML 4Page - Analog Devices AD5764CSUZ Datasheet HTML 5Page - Analog Devices AD5764CSUZ Datasheet HTML 6Page - Analog Devices AD5764CSUZ Datasheet HTML 7Page - Analog Devices AD5764CSUZ Datasheet HTML 8Page - Analog Devices AD5764CSUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Complete Quad, 16-Bit, High Accuracy,
Serial Input, Bipolar Voltage Output DAC
Data Sheet
AD5764
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Complete quad, 16-bit digital-to-analog
converter (DAC)
Programmable output range
±10 V, ±10.2564 V, or ±10.5263 V
±1 LSB maximum INL error, ±1 LSB maximum DNL error
Low noise: 60 nV/√Hz
Settling time: 10 μs maximum
Integrated reference buffers
Output control during power-up/brownout
Programmable short-circuit protection
Simultaneous updating via LDAC
Asynchronous CLR to zero code
Digital offset and gain adjust
Logic output control pins
DSP-/microcontroller-compatible serial interface
Temperature range: −40°C to +85°C
iCMOS process technology1
APPLICATIONS
Industrial automation
Open-loop/closed-loop servo control
Process control
Data acquisition systems
Automatic test equipment
Automotive test and measurement
High accuracy instrumentation
GENERAL DESCRIPTION
The AD5764 is a quad, 16-bit, serial input, bipolar voltage
output DAC that operates from supply voltages of ±11.4 V to
±16.5 V. Nominal full-scale output range is ±10 V. The AD5764
provides integrated output amplifiers, reference buffers, and
proprietary power-up/power-down control circuitry. The part
also features a digital I/O port that is programmed via the serial
interface. The part incorporates digital offset and gain adjust
registers per channel.
The AD5764 is a high performance converter that offers guar-
anteed monotonicity, integral nonlinearity (INL) of ±1 LSB, low
noise, and 10 μs settling time. During power-up (when the
supply voltages are changing), VOUTx is clamped to 0 V via a
low impedance path.
The AD5764 uses a serial interface that operates at clock rates of
up to 30 MHz and is compatible with DSP and microcontroller
interface standards. Double buffering allows the simultaneous
updating of all DACs. The input coding is programmable to
either twos complement or offset binary formats. The asynchro-
nous clear function clears the data register to either bipolar zero or
zero scale depending on the coding used. The AD5764 is ideal
for both closed-loop servo control and open-loop control appli-
cations. The AD5764 is available in a 32-lead TQFP, and offers
guaranteed specifications over the −40°C to +85°C industrial
temperature range. See Figure 1 for the functional block diagram.
Table 1. Related Devices
Part No.
Description
AD5764R
AD5764 with internal voltage reference
AD5744R
Complete quad, 14-bit, high accuracy, serial
input, bipolar voltage output DAC with
internal voltage reference
1 For analog systems designers within industrial/instrumentation equipment OEMs who need high performance ICs at higher voltage levels, iCMOS® is a technology
platform that enables the development of analog ICs capable of 30 V and operating at ±15 V supplies, allowing dramatic reductions in power consumption and package
size, and increased ac and dc performance.


Similar Part No. - AD5764CSUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
More results

Similar Description - AD5764CSUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5764 AD-AD5764 Datasheet
266Kb / 27P
Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
21-Oct-2004
AD5744 AD-AD5744 Datasheet
377Kb / 27P
Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
15-Nov-2004
AD5764R AD-AD5764R Datasheet
1Mb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5763 AD-AD5763 Datasheet
300Kb / 31P
Complete Dual, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
Rev. PrA
AD5764R AD-AD5764R_08 Datasheet
768Kb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5765 AD-AD5765 Datasheet
307Kb / 31P
Complete Quad, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
Rev. PrA
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5744R AD-AD5744R_15 Datasheet
548Kb / 32P
Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. E
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com