Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5338ARM Datasheet(PDF) 22 Page - Analog Devices

Part # AD5338ARM
Description  2.5 V to 5.5 V, 250 muA, 2-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5338ARM Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5338ARM Datasheet HTML 18Page - Analog Devices AD5338ARM Datasheet HTML 19Page - Analog Devices AD5338ARM Datasheet HTML 20Page - Analog Devices AD5338ARM Datasheet HTML 21Page - Analog Devices AD5338ARM Datasheet HTML 22Page - Analog Devices AD5338ARM Datasheet HTML 23Page - Analog Devices AD5338ARM Datasheet HTML 24Page - Analog Devices AD5338ARM Datasheet HTML 25Page - Analog Devices AD5338ARM Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD5337/AD5338/AD5339
Rev. C | Page 22 of 28
Table 9. Overview of All AD53xx Serial Devices
Part No.
Resolution (Bits)
No. of DACs
DNL (LSBs)
Interface
Settling Time (μs)
Package
No. of Pins
Single
AD5300
8
1
±0.25
SPI
4
SOT-23, MSOP
6, 8
AD5310
10
1
±0.50
SPI
6
SOT-23, MSOP
6, 8
AD5320
12
1
±1.00
SPI
8
SOT-23, MSOP
6, 8
AD5301
8
1
±0.25
2-Wire
6
SOT-23, MSOP
6, 8
AD5311
10
1
±0.50
2-Wire
7
SOT-23, MSOP
6, 8
AD5321
12
1
±1.00
2-Wire
8
SOT-23, MSOP
6, 8
Dual
AD5302
8
2
±0.25
SPI
6
MSOP
8
AD5312
10
2
±0.50
SPI
7
MSOP
8
AD5322
12
2
±1.00
SPI
8
MSOP
8
AD5303
8
2
±0.25
SPI
6
TSSOP
16
AD5313
10
2
±0.50
SPI
7
TSSOP
16
AD5323
12
2
±1.00
SPI
8
TSSOP
16
AD5337
8
2
±0.25
2-Wire
6
MSOP
8
AD5338
10
2
±0.50
2-Wire
7
MSOP
8
AD5338-1
10
2
±0.50
2-Wire
7
MSOP
8
AD5339
12
2
±1.00
2-Wire
8
MSOP
8
Quad
AD5304
8
4
±0.25
SPI
6
MSOP
10
AD5314
10
4
±0.50
SPI
7
MSOP
10
AD5324
12
4
±1.00
SPI
8
MSOP
10
AD5305
8
4
±0.25
2-Wire
6
MSOP
10
AD5315
10
4
±0.50
2-Wire
7
MSOP
10
AD5325
12
4
±1.00
2-Wire
8
MSOP
10
AD5306
8
4
±0.25
2-Wire
6
TSSOP
16
AD5316
10
4
±0.50
2-Wire
7
TSSOP
16
AD5326
12
4
±1.00
2-Wire
8
TSSOP
16
AD5307
8
4
±0.25
SPI
6
TSSOP
16
AD5317
10
4
±0.50
SPI
7
TSSOP
16
AD5327
12
4
±1.00
SPI
8
TSSOP
16
Octal
AD5308
8
8
±0.25
SPI
6
TSSOP
16
AD5318
10
8
±0.50
SPI
7
TSSOP
16
AD5328
12
8
±1.00
SPI
8
TSSOP
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com