Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5339ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD5339ARMZ
Description  2.5 V to 5.5 V, 250 muA, 2-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5339ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5339ARMZ Datasheet HTML 6Page - Analog Devices AD5339ARMZ Datasheet HTML 7Page - Analog Devices AD5339ARMZ Datasheet HTML 8Page - Analog Devices AD5339ARMZ Datasheet HTML 9Page - Analog Devices AD5339ARMZ Datasheet HTML 10Page - Analog Devices AD5339ARMZ Datasheet HTML 11Page - Analog Devices AD5339ARMZ Datasheet HTML 12Page - Analog Devices AD5339ARMZ Datasheet HTML 13Page - Analog Devices AD5339ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5337/AD5338/AD5339
Rev. C | Page 10 of 28
–0.50
–0.25
0
0.25
0.50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VREF (V)
TA = 25°C
VDD =5V
MAX INL
MAX DNL
MIN DNL
MIN INL
Figure 10. AD5337 INL and DNL Error vs. VREF
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
TEMPERATURE (°C)
0
–40
40
80
120
VDD =5V
VREF =3V
MAX INL
MAX DNL
MIN DNL
MIN INL
Figure 11. AD5337 INL and DNL Error vs. Temperature
–1.0
–0.5
0
0.5
1.0
TEMPERATURE (°C)
0
–40
40
80
120
VDD =5V
VREF =2V
GAIN ERROR
OFFSET ERROR
Figure 12. AD5337 Offset Error and Gain Error vs. Temperature
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
23
01
4
5
VDD (V)
6
TA = 25°C
VREF =2V
GAIN ERROR
OFFSET ERROR
Figure 13. Offset Error and Gain Error vs. VDD
0
1
2
3
4
5
23
01
4
5
SINK/SOURCE CURRENT (mA)
6
5V SOURCE
3V SOURCE
5V SINK
3V SINK
Figure 14. VOUT Source and Sink Current Capability
0
50
100
150
200
250
300
ZERO SCALE
FULL SCALE
CODE
TA = 25°C
VDD =5V
VREF =2V
Figure 15. Supply Current vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com