Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5339ARMZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD5339ARMZ
Description  2.5 V to 5.5 V, 250 muA, 2-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5339ARMZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5339ARMZ Datasheet HTML 14Page - Analog Devices AD5339ARMZ Datasheet HTML 15Page - Analog Devices AD5339ARMZ Datasheet HTML 16Page - Analog Devices AD5339ARMZ Datasheet HTML 17Page - Analog Devices AD5339ARMZ Datasheet HTML 18Page - Analog Devices AD5339ARMZ Datasheet HTML 19Page - Analog Devices AD5339ARMZ Datasheet HTML 20Page - Analog Devices AD5339ARMZ Datasheet HTML 21Page - Analog Devices AD5339ARMZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD5337/AD5338/AD5339
Rev. C | Page 18 of 28
READ OPERATION
When reading data back from the AD5337/AD5338/AD5339
DACs, the user begins with an address byte (R/W = 0), after
which the DAC acknowledges that it is prepared to receive data
by pulling SDA low. This address byte is usually followed by the
pointer byte, which is also acknowledged by the DAC. Then, the
master initiates another start condition (repeated start) and the
address is resent with R/W = 1. This is acknowledged by the
DAC indicating that it is prepared to transmit data. Two bytes
of data are then read from the DAC as shown in Figure 34. A
stop condition follows.
Note that in a read sequence, data bytes are the same as those in
the write sequence, except that don’t cares are read back as 0s.
However, if the master sends an ACK and continues clocking
SCL (no stop is sent), the DAC retransmits the same two bytes
of data on SDA. This allows continuous read back of data from
the selected DAC register. Alternatively, the user can send a
start followed by the address with R/W = 1. In this case, the
previously loaded pointer settings are used and read back of
data can begin immediately.
LEAST SIGNIFICANT DATA BYTE
000
1
1
X
X
SCL
SDA
SCL
SDA
00
0
1
1
0
A0
SCL
SDA
0
START
CONDITION
BY
MASTER
ADDRESS BYTE
A0
R/W
MSB
ACK
BY
AD533x
POINTER BYTE
LSB
ACK
BY
AD533x
ADDRESS BYTE
REPEATED
START
CONDITION
BY
MASTER
R/W
ACK
BY
AD533x
MSB
DATA BYTE
LSB
ACK
BY
MASTER
STOP
CONDITION
BY
MASTER
NO
ACK
BY
MASTER
LSB
MSB
Figure 34. Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com