Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFUKG455KE4X-R0 Datasheet(PDF) 59 Page - Murata Manufacturing Co., Ltd.

Part # CFUKG455KE4X-R0
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CFUKG455KE4X-R0 Datasheet(HTML) 59 Page - Murata Manufacturing Co., Ltd.

Back Button CFUKG455KE4X-R0 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
Continued from the preceding page.
20
19
18
17
16
15
14
13
12
1
R
C
2k
Vcc
TK10487
0.01μ
10μ
+
8.2k
2
3
4
5
6
7
8
9
11
10
X
CDBKB455KCAY27-R0
Part Number (X)
C
R
33pF
1.0k
Ω
: F
:
Ω
Unit C
R
c Test Circuit
TK10487
20
AF
output
Vcc
11
12
13
14
15
16
17
18
19
1
10
9
8
7
6
5
4
3
2
430
+
2.2μ
Vcc
560p
68k 68k
3300p
68k
0.01μ
R
10μ
IF input
0.01μ
+
+
+
10μ
0.1μ
2SC1048
0.01μ
TA31142F
X
C
Vcc
CDBLB455KCAY28-B0
CDBKB455KCAY28-R0
Part Number (X)
C
R
22pF
22pF
3.3k
Ω
2.7k
Ω
: F
:
Ω
Unit C
R
TA31142
20
AF output
Vcc
+
0.1μ
0.01μ
C
0.1μ
R
X
0.1μ
22k
0.1μ
22μ
NE605
11
12
13
14
15
16
17
18
19
1
10
9
8
7
6
5
4
3
2
IF input
CDBKB455KCAY29-R0
Part Number (X)
C
R
56pF
2.2k
Ω
Unit C
R
: F
:
Ω
NE605
24
1
23
2
22
3
21
4
20
5
19
6
18
7
17
8
16
9
15
10
14
11
13
12
R
X
C
Vcc
MC13136
0.01μ
0.15μ
1k
0.1μ
IF input
AF input
0.1μ
0.1μ
+
CDBLB455KCAY34-B0
Part Number (X)
CR
100pF
1.2k
Ω
Unit C
R
: F
:
Ω
MC13136
24
1
23
2
22
3
21
4
20
5
19
6
18
7
17
8
16
9
15
10
14
11
13
12
R2
R1
C
X
Vcc
AF
output
IF input
TK10930
0.01μ
0.1μ
0.1μ
10μ
+
8.2k
CDBKB455KCAY35-R0
Part Number (X)
R1
R2
2.0k
Ω
1.0k
Ω
C
33pF
: F
:
Ω
Unit C
R
TK10930
20
1
19
2
18
3
17
4
16
5
15
6
14
7
13
8
12
9
11
10
R
X
L
IF input
AF output
C
20k
2k
8.2k
Vcc
NE606 or NE616
0.1μ
0.1μ
0.1μ
0.01μ
0.1μ
0.1μ
2.2μ
+
2.2μ
+
CDBLB455KCAX36-B0
CDBKB455KCLX36-R0
Part Number (X)
C
R
22pF
27pF
4.7k
Ω
2.2k
Ω
L
–
1mH
: F
:
Ω
Unit C
R
NE(SA)606/616
20
AF output
Vcc
0.1μ
0.01μ
C
R
X
L
51
IF input
11
19
18
17
16
15
14
13
12
1
10
2
3
4
5
6
7
8
9
22k
1.5k
NE607/617 (PHILIPS)
8.2k
+10μ
0.1μ 0.1μ
CDBKB455KCLX39-R0
Part Number (X)
C
R
22pF
2.7k
Ω
L
1mH
: F
:
Ω
: H
Unit C
R
L
NE(SA)607/617
AF output
0.1μ
R
X
10μ
IF input
3300p
Vcc
20
+
+
+
2.2μ
430
+
0.01μ
68k
TA31145 (TOSHIBA)
11
19
18
17
16
15
14
13
12
1
10
2
3
4
5
6
7
8
9
CDBLB455KCAY40-B0
CDBKB455KCAY40-R0
Part Number (X)
R
3.3k
Ω
2.7k
Ω
: F
:
Ω
Unit C
R
TA31145
Continued on the following page.
P05E.pdf
Nov.24,2011
57
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com