Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFUKG455KE4X-R0 Datasheet(PDF) 72 Page - Murata Manufacturing Co., Ltd.

Part # CFUKG455KE4X-R0
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CFUKG455KE4X-R0 Datasheet(HTML) 72 Page - Murata Manufacturing Co., Ltd.

Back Button CFUKG455KE4X-R0 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. CFUKG455KE4X-R0 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 78 page
background image
Ceramic Discriminators Notice
1. Standard Reflow Soldering Conditions
(1) Reflow
CFC alternatives (HCFC Series), Isopropyl Alcohol (IPA),
Water (Demineralized Water), Cleaning Water Solution
(Cleanthrough-750H, Pine Alpha 100S), Silicon
(Technocare FRW)
2. Wash
(1) Cleaning Solvent
o Immersion Wash
2 minutes max. in above solvent at +60°C max.
o Shower or Rinse Wash
2 minutes max. in above solvent at +60°C max.
(2) Cleaning Conditions
o When components are immersed in solvent, be sure to
maintain the temperature of components below the
temperature of solvent.
o Please do not use ultrasonic cleaning.
o Total washing time should be within 4 minutes.
o Please ensure the component is thoroughly evaluated
in your application circuit.
o Please do not use chlorine, petroleum or alkaline
cleaning solvents.
o If you plan to use any other type of solvents, please
consult with Murata or Murata representative prior to
using.
(3) Notice
Electrode is directly soldered with the tip of soldering iron
at +350±5°C for 3.0±0.5 seconds.
(2) Soldering Iron
Peak
(260°C max.)
Heating
(230°C)
Gradual
Cooling
Pre-heating
(150-180°C)
100
230
260
60-120 sec.
40 sec.
max.
30 sec.
min.
120 sec.
min.
Filter is soldered twice within the following temperature
conditions.
c CDBKB Series Notice (Soldering and Mounting)
Continued on the following page.
c CDBKB Series Notice (Handling)
P05E.pdf
Nov.24,2011
70
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
1. The component will be damaged when an excessive
stress is applied.
2. If the component is cleaned, please confirm
that the reliability has not been degraded.
3. In case of covering filter with over coating,
conditions such as material of resin, cure
temperature, and so on should be evaluated
carefully.
4. Do not use strong acidity flux, more than 0.2wt%
chlorine content, in reflow soldering.
5. The product, packed in a moisture-proof bag (dry
pack), is sensitive to moisture.
The following treatment is required before
applying reflow soldering, to avoid package
cracks or reliability degradation caused by
thermal stress. When unpacked, store the component
in an atmosphere of below 25 degrees C. and below
65%R.H., and solder within 48 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com