Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8055ARTZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8055ARTZ-R2
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8055ARTZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8055ARTZ-R2 Datasheet HTML 1Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 2Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD8055/AD8056
Rev. J | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VS = ±5 V, RF = 402 Ω, RL = 100 Ω, Gain = +2, unless otherwise noted.
Table 1.
AD8055A/AD8056A
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VO = 0.1 V p-p
220
300
MHz
G=+1, VO = 2 V p-p
125
150
MHz
G=+2, VO = 0.1 V p-p
120
160
MHz
G=+2, VO = 2 V p-p
125
150
MHz
Bandwidth for 0.1 dB Flatness
VO = 100 mV p-p
25
40
MHz
Slew Rate
G = +1, VO = 4 V step
1000
1400
V/μs
G = +2, VO = 4 V step
750
840
V/μs
Settling Time to 0.1%
G = +2, VO = 2 V step
20
ns
Rise and Fall Time, 10% to 90%
G = +1, VO = 0.5 V step
2
ns
G = +1, VO = 4 V step
2.7
ns
G = +2, VO = 0.5 V step
2.8
ns
G = +2, VO = 4 V step
4
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
fC = 10 MHz, VO = 2 V p-p, RL = 1 kΩ
−72
dBc
fC = 20 MHz, VO = 2 V p-p, RL = 1 kΩ
−57
dBc
Crosstalk, Output-to-Output (AD8056)
f = 5 MHz, G = +2
−60
dB
Input Voltage Noise
f = 100 kHz
6
nV/√Hz
Input Current Noise
f = 100 kHz
1
pA/√Hz
Differential Gain Error
NTSC, G = +2, RL = 150 Ω
0.01
%
NTSC, G = +2, RL = 37.5 Ω
0.02
%
Differential Phase Error
NTSC, G = +2, RL = 150 Ω
0.02
Degree
NTSC, G = +2, RL = 37.5 Ω
0.1
Degree
DC PERFORMANCE
Input Offset Voltage
3
5
mV
TMIN to TMAX
10
mV
Offset Drift
6
μV/°C
Input Bias Current
0.4
1.2
μA
TMIN to TMAX
1
μA
Open-Loop Gain
VO = ±2.5 V
66
71
dB
TMIN to TMAX
64
dB
INPUT CHARACTERISTICS
Input Resistance
10
MΩ
Input Capacitance
2
pF
Input Common-Mode Voltage Range
3.2
±V
Common-Mode Rejection Ratio
VCM = ±2.5 V
82
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 150 Ω
2.9
3.1
±V
Output Current1
VO = ±2.0 V
55
60
mA
Short-Circuit Current1
110
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com