Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8055ARTZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8055ARTZ-R2
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8055ARTZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8055ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 14Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 15Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 16Page - Analog Devices AD8055ARTZ-R2 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
AD8055/AD8056
Rev. J | Page 16 of 16
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8055AN
−40°C to +125°C
8-Lead PDIP
N-8
AD8055ANZ1
−40°C to +125°C
8-Lead PDIP
N-8
AD8055AR
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8055AR-REEL
−40°C to +125°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8055AR-REEL7
−40°C to +125°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8055ARZ1
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8055ARZ-REEL1
−40°C to +125°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8055ARZ-REEL71
−40°C to +125°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8055ART-R2
−40°C to +85°C
5-Lead SOT-23, Reel
RJ-5
H3A
AD8055ART-REEL
−40°C to +85°C
5-Lead SOT-23, 13" Tape and Reel
RJ-5
H3A
AD8055ART-REEL7
−40°C to +85°C
5-Lead SOT-23, 7" Tape and Reel
RJ-5
H3A
AD8055ARTZ-R21
−40°C to +85°C
5-Lead SOT-23, Reel
RJ-5
H3A
AD8055ARTZ-REEL71
−40°C to +85°C
5-Lead SOT-23, 7" Tape and Reel
RJ-5
H072
AD8056AN
−40°C to +125°C
8-Lead PDIP
N-8
AD8056ANZ1
−40°C to +125°C
8-Lead PDIP
N-8
AD8056AR
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8056AR-REEL
−40°C to +125°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8056AR-REEL7
−40°C to +125°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8056ARZ1
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8056ARZ-REEL1
−40°C to +125°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8056ARZ-REEL71
−40°C to +125°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8056ARM
−40°C to +125°C
8-Lead MSOP
RM-8
H5A
AD8056ARM-REEL
−40°C to +125°C
8-Lead MSOP, 13" Tape and Reel
RM-8
H5A
AD8056ARM-REEL7
−40°C to +125°C
8-Lead MSOP, 7" Tape and Reel
RM-8
H5A
AD8056ARMZ1
−40°C to +125°C
8-Lead MSOP
RM-8
H5A#
AD8056ARMZ-REEL1
−40°C to +125°C
8-Lead MSOP, 13" Tape and Reel
RM-8
H5A#
AD8056ARMZ-REEL71
−40°C to +125°C
8-Lead MSOP, 7" Tape and Reel
RM-8
H5A#
1 Z = Pb-free part, # denotes lead-free product may be top or bottom marked.
2 Prior to 0542, parts were branded H3A.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C01063-0-2/06(J)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com