Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8605ARTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8605ARTZ
Description  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8605ARTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8605ARTZ Datasheet HTML 2Page - Analog Devices AD8605ARTZ Datasheet HTML 3Page - Analog Devices AD8605ARTZ Datasheet HTML 4Page - Analog Devices AD8605ARTZ Datasheet HTML 5Page - Analog Devices AD8605ARTZ Datasheet HTML 6Page - Analog Devices AD8605ARTZ Datasheet HTML 7Page - Analog Devices AD8605ARTZ Datasheet HTML 8Page - Analog Devices AD8605ARTZ Datasheet HTML 9Page - Analog Devices AD8605ARTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8605/AD8606/AD8608
Data Sheet
Rev. N | Page 6 of 24
2.7 V ELECTRICAL SPECIFICATIONS
VS = 2.7 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
AD8605/AD8606 (Except WLCSP)
VS = 3.5 V, VCM = 3 V
20
65
µV
AD8608
VS = 3.5 V, VCM = 2.7 V
20
75
µV
AD8605/AD8606/AD8608
VS = 2.7 V, VCM = 0 V to 2.7 V
80
300
µV
−40°C < TA < +125°C
750
µV
Input Bias Current
IB
0.2
1
pA
AD8605/AD8606
−40°C < TA < +85°C
50
pA
AD8605/AD8606
−40°C < TA < +125°C
250
pA
AD8608
−40°C < TA < +85°C
100
pA
AD8608
−40°C < TA < +125°C
300
pA
Input Offset Current
IOS
0.1
0.5
pA
−40°C < TA < +85°C
20
pA
−40°C < TA < +125°C
75
pA
Input Voltage Range
0
2.7
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.7 V
80
95
dB
−40°C < TA < +125°C
70
85
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = 0.5 V to 2.2 V
110
350
V/mV
Offset Voltage Drift
AD8605/AD8606
ΔVOS/ΔT
−40°C < TA < +125°C
1
4.5
µV/°C
AD8608
ΔVOS/ΔT
−40°C < TA < +125°C
1.5
6.0
µV/°C
INPUT CAPACITANCE
Common-Mode Input Capacitance
CCOM
8.8
pF
Differential Input Capacitance
CDIFF
2.6
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA
2.6
2.66
V
−40°C < TA < +125°C
2.6
V
Output Voltage Low
VOL
IL = 1 mA
25
40
mV
−40°C < TA < +125°C
50
mV
Output Current
IOUT
±30
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = 1
1.2
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
AD8605/AD8606
VS = 2.7 V to 5.5 V
80
95
dB
AD8605/AD8606 WLCSP
VS = 2.7 V to 5.5 V
75
92
dB
AD8608
VS = 2.7 V to 5.5 V
77
92
dB
−40°C < TA < +125°C
70
90
dB
Supply Current/Amplifier
ISY
IOUT = 0 mA
1.15
1.4
mA
−40°C < TA < +125°C
1.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ, CL = 16 pF
5
V/µs
Settling Time
tS
To 0.01%, 0 V to 1 V step, AV = 1
<0.5
µs
Unity Gain Bandwidth Product
GBP
9
MHz
Phase Margin
ΦM
50
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com