Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8605ARTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD8605ARTZ
Description  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8605ARTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8605ARTZ Datasheet HTML 12Page - Analog Devices AD8605ARTZ Datasheet HTML 13Page - Analog Devices AD8605ARTZ Datasheet HTML 14Page - Analog Devices AD8605ARTZ Datasheet HTML 15Page - Analog Devices AD8605ARTZ Datasheet HTML 16Page - Analog Devices AD8605ARTZ Datasheet HTML 17Page - Analog Devices AD8605ARTZ Datasheet HTML 18Page - Analog Devices AD8605ARTZ Datasheet HTML 19Page - Analog Devices AD8605ARTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8605/AD8606/AD8608
Data Sheet
Rev. N | Page 16 of 24
APPLICATIONS INFORMATION
OUTPUT PHASE REVERSAL
Phase reversal is defined as a change in polarity at the output of
the amplifier when a voltage that exceeds the maximum input
common-mode voltage drives the input.
Phase reversal can cause permanent damage to the amplifier; it
can also cause system lockups in feedback loops. The AD8605
does not exhibit phase reversal even for inputs exceeding the
supply voltage by more than 2 V.
MAXIMUM POWER DISSIPATION
Power dissipated in an IC causes the die temperature to
increase, which can affect the behavior of the IC and the
application circuit performance.
The absolute maximum junction temperature of the AD8605/
AD8606/AD8608 is 150°C. Exceeding this temperature could
damage or destroy the device.
The maximum power dissipation of the amplifier is calculated
according to
JA
A
J
DISS
T
T
P
θ
−
=
where:
TJ is the junction temperature.
TA is the ambient temperature.
θJA is the junction-to-ambient thermal resistance.
Figure 45 compares the maximum power dissipation with
temperature for the various AD860x family packages.
INPUT OVERVOLTAGE PROTECTION
The AD860x has internal protective circuitry. However, if the
voltage applied at either input exceeds the supplies by more
than 0.5 V, external resistors should be placed in series with
the inputs. The resistor values can be determined by
mA
5
≤
−
S
S
IN
R
V
V
The remarkable low input offset current of the AD860x (<1 pA)
allows the use of larger value resistors. With a 10 kΩ resistor at
the input, the output voltage has less than 10 nV of error voltage.
A 10 kΩ resistor has less than 13 nV/√Hz of thermal noise at
room temperature.
THD + NOISE
Total harmonic distortion is the ratio of the input signal in V rms
to the total harmonics in V rms throughout the spectrum.
Harmonic distortion adds errors to precision measurements
and adds unpleasant sonic artifacts to audio systems.
The AD860x has a low total harmonic distortion. Figure 46 shows
that the AD8605 has less than 0.005% or −86 dB of THD + N
over the entire audio frequency range. The AD8605 is configured
in positive unity gain, which is the worst case, and with a load
of 10 kΩ.
TIME (4µs/DIV)
VOUT
VIN
VS = ±2.5V
VIN = 6V p-p
AV = 1
RL = 10kΩ
Figure 44. No Phase Reversal
AMBIENT TEMPERATURE (°C)
1.0
0.8
0
–45
130
–20
30
80
105
0.6
0.4
0.2
1.7
1.8
1.6
1.4
1.2
TSSOP-14
5
55
1.5
1.3
1.1
0.9
0.7
0.5
0.3
0.1
5-LEAD SOT-23
MSOP-8
SOIC-14
WLCSP-5
SOIC-8
Figure 45. Maximum Power Dissipation vs. Ambient Temperature
FREQUENCY (Hz)
0.1
0.01
0.0001
20
20k
100
1k
0.001
10k
VSY = ±2.5V
AV = 1
BW = 80kHz
Figure 46. THD + Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com