Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8605ARTZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8605ARTZ-R2
Description  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8605ARTZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8605ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD8605/AD8606/AD8608
Rev. N | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
OFFSET VOLTAGE (µV)
4500
4000
0
2000
1500
1000
500
3000
2500
3500
300
–200
–100
0
100
200
–300
VS = 5V
TA = 25°C
VCM = 0V TO 5V
Figure 7. Input Offset Voltage Distribution
TCVOS (µV/°C)
12
0
4.8
0.4
0.8
1.6
2.4
3.2
4.0
16
8
4
24
20
4.4
VS = 5V
TA = –40°C TO +125°C
VCM = 2.5V
0
1.2
2.0
2.8
3.6
Figure 8. AD8608 Input Offset Voltage Drift Distribution
TCVOS (µV/°C)
20
10
0
2.6
0.2
0.4 0.6
0.8 1.0
1.2 1.4 1.6
1.8 2.0
14
6
2
2.2
2.4
12
16
8
4
18
0
VS = 5V
TA = –40°C TO +125°C
VCM = 2.5V
Figure 9. AD8605/AD8606 Input Offset Voltage Drift Distribution
0
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0.05
0.10
0.15
0.20
0.25
0.30
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCM (V)
VS = 5V
Figure 10. Input Offset Voltage vs. Common-Mode Voltage
(200 Units, 5 Wafer Lots, Including Process Skews)
250
200
150
100
50
0
–150
–100
–50
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 5V
VCM = VSY/2
AD8605
AD8606
AD8608
Figure 11. Input Bias Current vs. Temperature
LOAD CURRENT (mA)
1k
10
0.1
0.001
10
0.01
0.1
1
100
1
SINK
SOURCE
VS = 5V
TA = 25°C
Figure 12. Output Saturation Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com