Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8605ARTZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8605ARTZ-R2
Description  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8605ARTZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8605ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD8605ARTZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8605/AD8606/AD8608
Data Sheet
Rev. N | Page 10 of 24
TEMPERATURE (°C)
5.00
4.95
4.70
4.85
4.75
4.90
4.80
VOH @ 1mA LOAD
VS = 5V
VOH @ 10mA LOAD
–40
–25
–10
5
20
35
50
65
80
95
110
125
Figure 13. Output Voltage Swing High vs. Temperature
0.25
0
0.15
0.05
0.20
0.10
TEMPERATURE (°C)
VOL @ 1mA LOAD
VS = 5V
VOL @ 10mA LOAD
–40
–25
–10
5
20
35
50
65
80
95
110
125
Figure 14. Output Voltage Swing Low vs. Temperature
100
80
–100
60
40
20
0
–20
–40
–60
–80
225
180
–225
135
90
45
0
–45
–90
–135
–180
FREQUENCY (Hz)
10k
40M
100k
1M
10M
VS = ±2.5V
RL = 2kΩ
CL = 20pF
ΦM = 64°
PHASE
GAIN
Figure 15. Open-Loop Gain and Phase vs. Frequency
FREQUENCY (Hz)
6
5
0
1k
10M
10k
100k
1M
4
3
1
2
VS = 5V
VIN = 4.9V p-p
TA = 25°C
RL = 2kΩ
AV = 1
Figure 16. Closed-Loop Output Voltage Swing (FPBW)
FREQUENCY (Hz)
100
90
0
1k
100M
10k
100k
1M
10M
80
70
20
60
50
30
10
40
VS = 5V
AV = 100
AV = 1
AV = 10
Figure 17. Output Impedance vs. Frequency
FREQUENCY (Hz)
10k
100k
1M
20
120
1k
10M
90
80
70
60
50
40
30
110
100
VS = 5V
Figure 18. Common-Mode Rejection Ratio (CMRR) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com