Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8606ARMZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8606ARMZ-R7
Description  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8606ARMZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8606ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 22Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 23Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD8605/AD8606/AD8608
Rev. N | Page 21 of 24
OUTLINE DIMENSIONS
A
B
C
0.610
0.555
0.500
0.230
0.200
0.170
0.940
0.900
0.860
1.330
1.290
1.250
1
2
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.280
0.260
0.240
0.866
REF
BALL A1
IDENTIFIER
SEATING
PLANE
0.50 BSC
COPLANARITY
0.05
0.50
BSC
Figure 58. 5-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-5-1)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
5°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
5
12
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35
Figure 59. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com