Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8606ARMZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8606ARMZ-R7
Description  Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8606ARMZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8606ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 22Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 23Page - Analog Devices AD8606ARMZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
AD8605/AD8606/AD8608
Rev. N | Page 23 of 24
1.480
1.430
1.380
1.825
1.775
1.725
0.27
0.24
0.21
0.380
0.355
0.330
0.340
0.320
0.300
0.675
0.595
0.515
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
1.00
REF
0.50
BSC
BALL A1
IDENTIFIER
SEATING
PLANE
COPLANARITY
0.05
A
1
2
3
B
C
Figure 62. 8-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-8-1)
Dimensions shown in millimeters
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AB
14
8
7
1
6.20 (0.2441)
5.80 (0.2283)
4.00 (0.1575)
3.80 (0.1496)
8.75 (0.3445)
8.55 (0.3366)
1.27 (0.0500)
BSC
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
1.75 (0.0689)
1.35 (0.0531)
0.50 (0.0197)
0.25 (0.0098)
1.27 (0.0500)
0.40 (0.0157)
0.25 (0.0098)
0.17 (0.0067)
COPLANARITY
0.10
8°
0°
45°
Figure 63. 14-Lead Standard Small Outline Package [SOIC_N]
Narrow Body (R-14)
Dimensions shown in millimeters and (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com