Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8622ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8622ARMZ
Description  Low Power, Precision Rail-to-Rail Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8622ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8622ARMZ Datasheet HTML 4Page - Analog Devices AD8622ARMZ Datasheet HTML 5Page - Analog Devices AD8622ARMZ Datasheet HTML 6Page - Analog Devices AD8622ARMZ Datasheet HTML 7Page - Analog Devices AD8622ARMZ Datasheet HTML 8Page - Analog Devices AD8622ARMZ Datasheet HTML 9Page - Analog Devices AD8622ARMZ Datasheet HTML 10Page - Analog Devices AD8622ARMZ Datasheet HTML 11Page - Analog Devices AD8622ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8622/AD8624
Rev. C | Page 8 of 20
0.06
0.05
0.04
0.03
0.02
0.01
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = ±2.5V
RL = 10kΩ
VCC – VOH
VOL – VEE
Figure 17. Output Voltage to Supply Rail vs. Temperature
0.30
0.25
0.20
0.15
0.10
0.05
0
0.35
–0.05
0
2
4
6
8
10
12
14
16
18
VSY (±V)
+85°C
+25°C
–40°C
+125°C
Figure 18. Supply Current vs. Supply Voltage
100
80
60
40
20
0
–20
–40
100
80
60
40
20
0
–20
–40
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = ±2.5V
RL = 10kΩ
PHASE
GAIN
Figure 19. Open-Loop Gain and Phase vs. Frequency
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VCC – VOH
VOL – VEE
VSY = ±15V
RL = 10kΩ
Figure 20. Output Voltage to Supply Rail vs. Temperature
0.30
0.25
0.20
0.15
0.10
0.05
0.35
25
–25
–50
50
0
75
100
125
TEMPERATURE (°C)
VSY = ±15V
VSY = ±2.5V
Figure 21. Supply Current vs. Temperature
100
80
60
40
20
0
–20
–40
100
80
60
40
20
0
–20
–40
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = ±15V
RL = 10kΩ
PHASE
GAIN
Figure 22. Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com