Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8622ARMZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8622ARMZ
Description  Low Power, Precision Rail-to-Rail Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8622ARMZ Datasheet(HTML) 3 Page - Analog Devices

  AD8622ARMZ Datasheet HTML 1Page - Analog Devices AD8622ARMZ Datasheet HTML 2Page - Analog Devices AD8622ARMZ Datasheet HTML 3Page - Analog Devices AD8622ARMZ Datasheet HTML 4Page - Analog Devices AD8622ARMZ Datasheet HTML 5Page - Analog Devices AD8622ARMZ Datasheet HTML 6Page - Analog Devices AD8622ARMZ Datasheet HTML 7Page - Analog Devices AD8622ARMZ Datasheet HTML 8Page - Analog Devices AD8622ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8622/AD8624
Rev. C | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—±2.5 V OPERATION
VSY = ±2.5 V, VCM = 0 V, TA = 25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
V
OS
10
125
μV
−40°C ≤ T
A ≤ +125°C
230
μV
Offset Voltage Drift
ΔV
OS/ΔT
−40°C ≤ T
A ≤ +125°C
0.5
1.2
µV/°C
Input Bias Current
I
B
30
200
pA
−40°C ≤ T
A ≤ +125°C
400
pA
Input Offset Current
I
OS
25
200
pA
−40°C ≤ T
A ≤ +125°C
300
pA
Input Voltage Range
−40°C ≤ T
A ≤ +125°C
−1.3
+1.3
V
Common-Mode Rejection Ratio
CMRR
V
CM = −1.3 V to +1.3 V
110
120
dB
−40°C ≤ T
A ≤ +125°C
107
dB
Open-Loop Gain
A
VO
R
L = 10 kΩ, VO = −2.0 V to +2.0 V
118
135
dB
−40°C ≤ T
A ≤ +125°C
109
dB
Input Resistance, Differential Mode
R
INDM
1
GΩ
Input Resistance, Common Mode
R
INCM
1
TΩ
Input Capacitance, Differential Mode
C
INDM
5.5
pF
Input Capacitance, Common Mode
C
INCM
3
pF
OUTPUT CHARACTERISTICS
Output Voltage High
V
OH
R
L = 100 kΩ to ground
2.45
2.49
V
−40°C ≤ T
A ≤ +125°C
2.41
V
R
L = 10 kΩ to ground
2.40
2.45
V
−40°C ≤ T
A ≤ +125°C
2.36
V
Output Voltage Low
V
OL
R
L = 100 kΩ to ground
−2.49
−2.45
V
−40°C ≤ T
A ≤ +125°C
−2.41
V
R
L = 10 kΩ to ground
−2.45
−2.40
V
−40°C ≤ T
A ≤ +125°C
−2.36
V
Short-Circuit Current
I
SC
±30
mA
Closed-Loop Output Impedance
Z
OUT
f = 1 kHz, A
V = 1
2
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = ±2.0 V to ±18.0 V
125
145
dB
−40°C ≤ T
A ≤ +125°C
120
dB
Supply Current/Amplifier
I
SY
I
O = 0 mA
175
225
μA
−40°C ≤ T
A ≤ +125°C
310
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
R
L = 10 kΩ, CL = 100 pF AV = 1
0.28
V/μs
Gain Bandwidth Product
GBP
R
L = 10 kΩ, CL = 20 pF, AV = 1
540
kHz
Phase Margin
Φ
M
R
L = 10 kΩ, CL = 20 pF, AV = 1
74
Degrees
NOISE PERFORMANCE
Voltage Noise
e
n p-p
f = 0.1 Hz to 10 Hz
0.2
μV p-p
Voltage Noise Density
e
n
f = 1 kHz
12
nV/√Hz
Uncorrelated Current Noise Density
i
n_uncorr
f = 1 kHz
0.15
pA/√Hz
Correlated Current Noise Density
i
n_corr
f = 1 kHz
0.07
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com