Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8652ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8652ARMZ
Description  50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8652ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD8652ARMZ Datasheet HTML 1Page - Analog Devices AD8652ARMZ Datasheet HTML 2Page - Analog Devices AD8652ARMZ Datasheet HTML 3Page - Analog Devices AD8652ARMZ Datasheet HTML 4Page - Analog Devices AD8652ARMZ Datasheet HTML 5Page - Analog Devices AD8652ARMZ Datasheet HTML 6Page - Analog Devices AD8652ARMZ Datasheet HTML 7Page - Analog Devices AD8652ARMZ Datasheet HTML 8Page - Analog Devices AD8652ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
50 MHz, Precision, Low Distortion,
Low Noise CMOS Amplifiers
AD8651/AD8652
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Bandwidth: 50 MHz @ 5 V
Low noise: 4.5 nV/√Hz
Offset voltage: 100 μV typical, specified over
entire common-mode range
Slew rate: 41 V/μs
Rail-to-rail input and output swing
Input bias current: 1 pA
Single-supply operation: 2.7 V to 5.5 V
Space-saving MSOP and SOIC_N packaging
APPLICATIONS
Optical communications
Laser source drivers/controllers
Broadband communications
High speed ADCs and DACs
Microwave link interface
Cell phone PA control
Video line drivers
Audio
PIN CONFIGURATIONS
NC 1
–IN 2
+IN 3
V– 4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8651
TOP VIEW
(Not to Scale)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8652
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead MSOP (RM-8)
Figure 2. 8-Lead MSOP (RM-8)
NC 1
–IN 2
+IN 3
V– 4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8651
TOP VIEW
(Not to Scale)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8652
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead SOIC_N (R-8)
Figure 4. 8-Lead SOIC_N (R-8)
GENERAL DESCRIPTION
The AD865x family consists of high precision, low noise, low
distortion, rail-to-rail CMOS operational amplifiers that run
from a single-supply voltage of 2.7 V to 5.5 V.
The AD865x family is made up of rail-to-rail input and output
amplifiers with a gain bandwidth of 50 MHz and a typical
voltage offset of 100 μV across common mode from a 5 V
supply. It also features low noise—4.5 nV/√Hz.
The AD865x family can be used in communications
applications, such as cell phone transmission power control, fiber
optic networking, wireless networking, and video line drivers.
The AD865x family features the newest generation of DigiTrim®
in-package trimming. This new generation measures and
corrects the offset over the entire input common-mode range,
providing less distortion from VOS variation than is typical of
other rail-to-rail amplifiers. Offset voltage and CMRR are both
specified and guaranteed over the entire common-mode range
as well as over the extended industrial temperature range.
The AD865x family is offered in the narrow 8-lead SOIC
package and the 8-lead MSOP package. The amplifiers are
specified over the extended industrial temperature range
(−40°C to +125°C).


Similar Part No. - AD8652ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8652ARMZ AD-AD8652ARMZ Datasheet
463Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. D
AD8652ARMZ-R2 AD-AD8652ARMZ-R2 Datasheet
558Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
9/04-Data Sheet Changed from Rev. A to Rev. B
AD8652ARMZ-R2 AD-AD8652ARMZ-R2 Datasheet
484Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
AD8652ARMZ-R21 AD-AD8652ARMZ-R21 Datasheet
994Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8652ARMZ-REEL AD-AD8652ARMZ-REEL Datasheet
558Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
9/04-Data Sheet Changed from Rev. A to Rev. B
More results

Similar Description - AD8652ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8651 AD-AD8651 Datasheet
558Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
9/04-Data Sheet Changed from Rev. A to Rev. B
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Analog Devices
AD8651 AD-AD8651_06 Datasheet
484Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
AD8651ARMZ AD-AD8651ARMZ Datasheet
994Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8651 AD-AD8651_15 Datasheet
467Kb / 20P
50 MHz, Precision, Low Distortion
REV. D
AD8652 AD-AD8652_15 Datasheet
467Kb / 20P
50 MHz, Precision, Low Distortion
REV. D
logo
Texas Instruments
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com