Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8652ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8652ARMZ
Description  50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8652ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8652ARMZ Datasheet HTML 8Page - Analog Devices AD8652ARMZ Datasheet HTML 9Page - Analog Devices AD8652ARMZ Datasheet HTML 10Page - Analog Devices AD8652ARMZ Datasheet HTML 11Page - Analog Devices AD8652ARMZ Datasheet HTML 12Page - Analog Devices AD8652ARMZ Datasheet HTML 13Page - Analog Devices AD8652ARMZ Datasheet HTML 14Page - Analog Devices AD8652ARMZ Datasheet HTML 15Page - Analog Devices AD8652ARMZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8651/AD8652
Rev. C | Page 12 of 20
VS = ±1.35V
AV = 1
TIME (200µs/DIV)
Figure 41. No Phase Reversal
VS = ±1.35V
CL = 47pF
AV = 1
TIME (100µs/DIV)
Figure 42. Large Signal Response
VS = ±1.35V
VIN = 200mV
CL = 47pF
AV = 1
TIME (10µs/DIV)
Figure 43. Small Signal Response
0
30
25
20
15
10
5
CAPACITANCE (pF)
020
60
50
40
30
10
+OS
70
VS = ±1.35V
VIN = 200mV
–OS
Figure 44. Small Signal Overshoot vs. Load Capacitance
VS = ±1.35V
VIN = 200mV
GAIN = –10
TIME (200ns/DIV)
–200mV
1.35V
0V
0V
Figure 45. Negative Overload Recovery Time
VS = ±1.35V
VIN = 200mV
GAIN = –10
TIME (200ns/DIV)
0V
0V
200mV
–1.35V
Figure 46. Positive Overload Recovery Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com