Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-1A/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9517-1A/PCBZ
Description  12-Output Clock Generator with Integrated 2.5 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-1A/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  AD9517-1A/PCBZ Datasheet HTML 1Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 2Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 3Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 4Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 5Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 6Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 7Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 8Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
Data Sheet
AD9517-1
Rev. E | Page 3 of 80
REVISION HISTORY
3/13—Rev. D to Rev. E
Changes to Table 52 ........................................................................ 57
Changes to Table 57 ........................................................................ 70
1/12—Rev. C to Rev. D
Changes to Table 62 ........................................................................75
5/11—Rev. B to Rev. C
Changes to Features, Applications, and General Description
Sections...............................................................................................1
Change to CPRSET Pin Resistor Parameter, Table 1....................4
Changes to Table 2 ............................................................................4
Changes to Table 4 ............................................................................6
Changes to Logic 1 Current and Logic 0 Current
Parameters, Table 15 .......................................................................14
Changes to Table 20 ........................................................................18
Change to Caption, Figure 8 ..........................................................20
Change to Caption, Figure 15........................................................21
Change to Captions, Figure 25 and Figure 26 .............................23
Added Figure 41; Renumbered Sequentially ...............................25
Changes to On-Chip VCO Section...............................................34
Changes to Reference Switchover Section ...................................35
Changes to Prescaler Section and Change to
Comments/Conditions Column, Table 28...................................36
Changes to Automatic/Internal Holdover Mode Section
and Frequency Status Monitors Section.......................................39
Changes to VCO Calibration Section...........................................40
Changes to Clock Distribution Section........................................41
Changes to Write Section ...............................................................51
Change to The Instruction Word (16 Bits) Section ....................52
Change to Figure 65 ........................................................................53
Change to Thermal Performance Section....................................55
Changes to Register Address 0x01C, Bits[4:3], Table 52............56
Changes to Address 0x017, Bits[1:0] and Address 0x018,
Bits[2:0], Table 54 ............................................................................62
Changes to Register Address 0x01C, Bits[5:1], Table 54............64
Change to LVPECL Clock Distribution Section .........................77
5/10—Rev. A to Rev. B
Changes to Default Values of LVDS/CMOS Outputs
Section in Table 52 ..........................................................................56
Changes to Register 0x140, Bit 0; Register 0x142, Bit 0;
Register 0x143, Bit 0 in Table 57 ...................................................69
Updated Outline Dimensions, Changes to Ordering Guide .....78
1/10—Rev. 0 to Rev. A
Added 48-Lead LFCSP Package (CP-48-8) .................... Universal
Changes to Features, Applications, and General Description.....1
Change to CPRSET Pin Resistor Parameter..................................4
Changes to Table 4 ............................................................................6
Changes to VCP Supply Parameter.................................................14
Changes to Table 19 ........................................................................16
Added Exposed Paddle Notation to Figure 6; Changes to
Table 20.............................................................................................17
Change to High Frequency Clock Distribution—CLK or
External VCO > 1600 MHz Section; Change to Table 22..........27
Changes to Table 24 ........................................................................29
Change to Configuration and Register Settings Section ...........31
Change to Phase Frequency Detector (PFD) Section ................32
Changes to Charge Pump (CP), On-Chip VCO, PLL
External Loop Filter, and PLL Reference Inputs Sections .........33
Change to Figure 46; Added Figure 47.........................................33
Changes to Reference Switchover and VCXO/VCO
Feedback Divider N—P, A, B, R Sections ....................................34
Changes to Table 28 ........................................................................35
Change to Holdover Section..........................................................37
Changes to VCO Calibration Section...........................................39
Changes to Clock Distribution Section........................................40
Change to Clock Frequency Division Section;
Change to Table 34..........................................................................41
Changes to Channel Dividers—LVDS/CMOS Outputs
Section; Change to Table 39...........................................................43
Change to Write Section ................................................................50
Change to MSB/LSB First Transfers .............................................51
Change to Figure 64........................................................................52
Added Thermal Performance Section..........................................54
Changes to 0x003 Register Address..............................................55
Changes to Table 53 ........................................................................58
Changes to Table 54 ........................................................................59
Changes to Table 55 ........................................................................65
Changes to Table 56 ........................................................................67
Changes to Table 57 ........................................................................69
Changes to Table 58 ........................................................................71
Changes to Table 59 ........................................................................72
Changes to Table 60 and Table 61.................................................74
Added Frequency Planning Using the AD9517 Section............75
Changes to Figure 70 and Figure 72; Added Figure 71..............76
Changes to LVDS Clock Distribution Section ............................76
Added Exposed Paddle Notation to Outline Dimensions.........78
Changes to Ordering Guide...........................................................78
7/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com