Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-1A/PCBZ Datasheet(PDF) 75 Page - Analog Devices

Part # AD9517-1A/PCBZ
Description  12-Output Clock Generator with Integrated 2.5 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-1A/PCBZ Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9517-1A/PCBZ Datasheet HTML 71Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 72Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 73Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 74Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 75Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 76Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 77Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 78Page - Analog Devices AD9517-1A/PCBZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
Data Sheet
AD9517-1
Rev. E | Page 75 of 80
Table 60. VCO Divider and CLK Input
Reg.
Addr
(Hex)
Bits
Name
Description
0x1E0
[2:0]
VCO divider
2
1
0
Divide
0
0
0
2.
0
0
1
3.
0
1
0
4 (default).
0
1
1
5.
1
0
0
6.
1
0
1
Output static. Note that setting the VCO divider static should occur only
after VCO calibration.
1
1
0
Output static. Note that setting the VCO divider static should occur only
after VCO calibration.
1
1
1
Output static. Note that setting the VCO divider static should occur only
after VCO calibration.
0x1E1
4
Power down clock input section
Powers down the clock input section (including CLK buffer, VCO divider, and CLK tree).
0: normal operation (default).
1: power-down.
3
Power down VCO clock interface
Powers down the interface block between VCO and clock distribution.
0: normal operation (default).
1: power-down.
2
Power down VCO and CLK
Powers down both VCO and CLK input.
0; normal operation (default).
1: power-down.
1
Select VCO or CLK
Selects either the VCO or the CLK as the input to VCO divider.
0: selects external CLK as input to VCO divider (default).
1: selects VCO as input to VCO divider; cannot bypass VCO divider when this is selected.
0
Bypass VCO divider
Bypasses or uses the VCO divider.
0: uses VCO divider (default).
1: bypasses VCO divider; cannot select VCO as input when this is selected.
Table 61. System
Reg.
Addr.
(Hex)
Bits
Name
Description
0x230
2
Power down sync
Powers down the sync function.
0: normal operation of the sync function (default).
1: powers down sync circuitry.
1
Power down distribution reference
Powers down the reference for distribution section.
0: normal operation of the reference for the distribution section (default).
1: powers down the reference for the distribution section.
0
Soft sync
The soft sync bit works the same as the SYNC pin, except that the polarity of the bit
is reversed. That is, a high level forces selected channels into a predetermined static
state, and a 1-to-0 transition triggers a sync.
0: same as SYNC high (default).
1: same as SYNC low.
Table 62. Update All Registers
Reg.
Addr
(Hex)
Bits
Name
Description
0x232
0
Update all registers
This bit must be set to 1b to transfer the contents of the buffer registers into the active
registers. This bit is self-clearing; that is, it does not have to be set back to 0b.
1 (self-clearing): updates all active registers to the contents of the buffer registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com