Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9850/FSPCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9850/FSPCB
Description  CMOS, 125 MHz Complete DDS Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9850/FSPCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9850/FSPCB Datasheet HTML 7Page - Analog Devices AD9850/FSPCB Datasheet HTML 8Page - Analog Devices AD9850/FSPCB Datasheet HTML 9Page - Analog Devices AD9850/FSPCB Datasheet HTML 10Page - Analog Devices AD9850/FSPCB Datasheet HTML 11Page - Analog Devices AD9850/FSPCB Datasheet HTML 12Page - Analog Devices AD9850/FSPCB Datasheet HTML 13Page - Analog Devices AD9850/FSPCB Datasheet HTML 14Page - Analog Devices AD9850/FSPCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD9850
–11–
REV. H
tRH
CLK DELAY AFTER RESET RISING EDGE
3.5ns
tRL
RESET FALLING EDGE AFTER CLK
3.5ns
tRR
RECOVERY FROM RESET
2 CLK CYCLES
tRS
MINIMUM RESET WIDTH
5 CLK CYCLES
tOL
RESET OUTPUT LATENCY
13 CLK CYCLES
SYMBOL
DEFINITION
MINIMUM
RESULTS OF RESET:
– FREQUENCY/PHASE REGISTER SET TO 0
– ADDRESS POINTER RESET TO W0
– POWER-DOWN BIT RESET TO 0
– DATA INPUT REGISTER UNEFFECTED
tRH
tRL
tRR
tRS
tOL
COS (0)
CLKIN
COS OUT
RESET
NOTE: THE TIMING DIAGRAM ABOVE SHOWS THE MINIMAL AMOUNT OF RESET TIME
NEEDED BEFORE WRITING TO THE DEVICE. HOWEVER, THE MASTER RESET DOES NOT
HAVE TO BE SYNCHRONOUS WITH THE CLKIN IF THE MINIMAL TIME IS NOT REQUIRED.
Figure 7. Master Reset Timing Sequence
XXXXX100
DATA (W0)
W CLK
FQ UD
CLKIN
INTERNAL CLOCKS DISABLED
DAC STROBE
Figure 8. Parallel Load Power-Down Sequence/Internal Operation
XXXXX000
DATA (W0)
W CLK
FQ UD
CLKIN
INTERNAL CLOCKS ENABLED
Figure 9. Parallel Load Power-Up Sequence/Internal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com