Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9850/FSPCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9850/FSPCB
Description  CMOS, 125 MHz Complete DDS Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9850/FSPCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9850/FSPCB Datasheet HTML 8Page - Analog Devices AD9850/FSPCB Datasheet HTML 9Page - Analog Devices AD9850/FSPCB Datasheet HTML 10Page - Analog Devices AD9850/FSPCB Datasheet HTML 11Page - Analog Devices AD9850/FSPCB Datasheet HTML 12Page - Analog Devices AD9850/FSPCB Datasheet HTML 13Page - Analog Devices AD9850/FSPCB Datasheet HTML 14Page - Analog Devices AD9850/FSPCB Datasheet HTML 15Page - Analog Devices AD9850/FSPCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD9850
–12–
REV. H
XXXXX011
DATA (W0)
(PARALLEL)
W CLK
FQ UD
NOTE: W32 AND W33 SHOULD ALWAYS BE SET TO 0.
DATA (SERIAL)
REQUIRED TO RESET CONTROL REGISTERS
NOTE: FOR DEVICE START-UP IN SERIAL MODE, HARDWIRE PIN 2 AT 0, PIN 3 AT 1, AND PIN 4 AT 1
(SEE FIGURE 11).
W32 = 0
W33 = 0
ENABLE SERIAL MODE
LOAD 40-BIT SERIAL WORD
Figure 10. Serial Load Enable Sequence
+V
SUPPLY
3
4
2
AD9850BRS
Figure 11. Pins 2 to 4 Connection for Default Serial Mode Operation
DATA –
W CLK
FQ UD
W0
W1
W2
W3
W39
40 W CLK CYCLES
Figure 12. Serial Load Frequency/Phase Update Sequence
Table IV. 40-Bit Serial Load Word Function Assignment
W0
Freq-b0 (LSB)
W1
Freq-b1
W2
Freq-b2
W3
Freq-b3
W4
Freq-b4
W5
Freq-b5
W6
Freq-b6
W7
Freq-b7
W8
Freq-b8
W9
Freq-b9
W10
Freq-b10
W11
Freq-b11
W12
Freq-b12
W13
Freq-b13
W28
Freq-b28
W29
Freq-b29
W30
Freq-b30
W31
Freq-b31 (MSB)
W32
Control
W33
Control
W34
Power-Down
W35
Phase-b0 (LSB)
W36
Phase-b1
W37
Phase-b2
W38
Phase-b3
W39
Phase-b4 (MSB)
W14
Freq-b14
W15
Freq-b15
W16
Freq-b16
W17
Freq-b17
W18
Freq-b18
W19
Freq-b19
W20
Freq-b20
W21
Freq-b21
W22
Freq-b22
W23
Freq-b23
W24
Freq-b24
W25
Freq-b25
W26
Freq-b26
W27
Freq-b27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com