Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSRB8601 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MSRB8601
Description  SOFT RECOVERY POWER RECTIFIER 8.0 AMPERES 600 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSRB8601 Datasheet(HTML) 1 Page - Motorola, Inc

  MSRB8601 Datasheet HTML 1Page - Motorola, Inc MSRB8601 Datasheet HTML 2Page - Motorola, Inc MSRB8601 Datasheet HTML 3Page - Motorola, Inc MSRB8601 Datasheet HTML 4Page - Motorola, Inc MSRB8601 Datasheet HTML 5Page - Motorola, Inc MSRB8601 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Rectifier Device Data
Product Preview
SWITCHMODE™
Soft Recovery Power Rectifier
D2PAK–SL Straight Lead
Designed for use as free wheeling diodes in variable speed motor control
applications and other average frequency switching power supplies. These
state–of–the–art devices have the following features:
• Soft Recovery with Guaranteed Low Reverse Recovery
Charge (QRR) and Peak Reverse Recovery Current (IRRM)
• 150°C Operating Junction Temperature
• Epoxy meets UL94, VO @ 1/8″
• Low Forward Voltage
• Low Leakage Current
• High Temperature Glass Passivated Junction
Mechanical Characteristics:
• Case: Molded Epoxy
• Weight: 1.9 Grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads Readily Solderable
• Lead Temperature for Soldering Purposes: 260°C Max. for 10 Seconds
• Shipped in 50 Units per Plastic Tube
• Marking: MSRB860
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
600
V
Average Rectified Forward Current (At Rated VR, TC = 125°C)
IO
8.0
A
Peak Repetitive Forward Current (At Rated VR, Square Wave, 20 kHz, TC = 125°C)
IFRM
16
A
Non–Repetitive Peak Surge Current
(Surge applied at rated load conditions, halfwave, single phase, 60 Hz)
IFSM
100
A
Storage / Operating Case Temperature
Tstg, TC
– 65 to 150
°C
Operating Junction Temperature
TJ
– 65 to 150
°C
THERMAL CHARACTERISTICS
Thermal Resistance — Junction–to–Case
Thermal Resistance — Junction–to–Ambient
RqJC
RqJA
1.6
72.8
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (1) (IF = 8.0 A)
VF
TJ = 25°C
TJ = 150°C
V
g( ) ( F
)
Typical
F
1.7
1.4
1.3
1.1
Maximum Instantaneous Reverse Current (VR = 600 V)
IR
TJ = 25°C
TJ = 150°C
mA
( R
)
Typical
R
10
2.0
1000
80
m
Maximum Reverse Recovery Time (2) (VR = 400 V, IF = 8.0 A, di/dt = 200 A/ms)
trr
TJ = 25°C
TJ = 125°C
ns
y( ) ( RF
m )
Typical
rr
120
95
190
125
Typical Recovery Softness Factor (VR = 400 V, IF = 8.0 A, di/dt = 200 A/ms)
s = tb/ta
2.5
3.0
Typical Peak Reverse Recovery Current (VR = 400 V, IF = 8.0 A, di/dt = 200 A/ms)
IRRM
5.8
8.3
A
Typical Reverse Recovery Charge (VR = 400 V, IF = 8.0 A, di/dt = 200 A/ms)
QRR
350
700
nC
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
(1) Pulse Test: Pulse Width
≤ 380 µs, Duty Cycle ≤ 2%
(2) TRR measured projecting from 25% of IRRM to zero current
Switchmode is a trademark of Motorola, Inc.
Order this document
by MSRB860–1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MSRB860-1
SOFT RECOVERY
POWER RECTIFIER
8.0 AMPERES
600 VOLTS
CASE 418C–01, Style 2
D2PAK–SL
© Motorola, Inc. 1997


Similar Part No. - MSRB8601

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSRB860-1 ONSEMI-MSRB860-1 Datasheet
168Kb / 6P
Soft Recovery Power Rectifier
September, 2006 ??Rev. 1
logo
Motorola, Inc
MSRB860-1 MOTOROLA-MSRB860-1 Datasheet
149Kb / 8P
Design Considerations for Clamping Networks for Very High Voltage Monolithic Off-line PWM Controllers
More results

Similar Description - MSRB8601

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSR860 MOTOROLA-MSR860 Datasheet
134Kb / 6P
SOFT RECOVERY POWER RECTIFIER 8.0 AMPERES 600 VOLTS
MURH8100E MOTOROLA-MURH8100E Datasheet
140Kb / 6P
ULTRAFAST RECTIFIER 8.0 AMPERES 1000 VOLTS
MURH860CT MOTOROLA-MURH860CT Datasheet
82Kb / 4P
ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
MURHB840CT MOTOROLA-MURHB840CT Datasheet
107Kb / 6P
ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
MURHF860CT MOTOROLA-MURHF860CT Datasheet
50Kb / 2P
ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
logo
Pan Jit International I...
ED802CT PANJIT-ED802CT Datasheet
36Kb / 2P
SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 8.0 Amperes)
logo
ON Semiconductor
MURH860CT ONSEMI-MURH860CT_06 Datasheet
54Kb / 4P
ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
February, 2006 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT_06 Datasheet
88Kb / 3P
ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
April, 2006 ??Rev. 4
logo
Rectron Semiconductor
HER806 RECTRON-HER806 Datasheet
79Kb / 5P
HIGH EFFICIENCY RECTIFIER VOLTAGE 600 Volts CURRENT 8.0 Amperes
HER806S RECTRON-HER806S Datasheet
95Kb / 5P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 8.0 Amperes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com