Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSRB8601 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MSRB8601
Description  SOFT RECOVERY POWER RECTIFIER 8.0 AMPERES 600 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSRB8601 Datasheet(HTML) 2 Page - Motorola, Inc

  MSRB8601 Datasheet HTML 1Page - Motorola, Inc MSRB8601 Datasheet HTML 2Page - Motorola, Inc MSRB8601 Datasheet HTML 3Page - Motorola, Inc MSRB8601 Datasheet HTML 4Page - Motorola, Inc MSRB8601 Datasheet HTML 5Page - Motorola, Inc MSRB8601 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MSRB860-1
2
Motorola Rectifier Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
TC, CASE TEMPERATURE (°C)
Figure 3. Current Derating, Case
TA, AMBIENT TEMPERATURE (°C)
Figure 4. Current Derating, Ambient
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 5. Power Dissipation
100
10
600
400
300
200
100
100
10
1.0
1.9
1.3
0.9
0.5
1.0
160
120
40
0
2.0
4.0
6.0
14
0
160
120
40
0
3.0
2.5
2.0
1.5
1.0
0.5
0
14
8.0
4.0
0
16
14
12
10
2.0
0
500
0.1
10
8.0
12
4.0
6.0
8.0
TJ = 150°C
100
°C
25
°C
RATED VR APPLIED
80
dc
SQUARE WAVE
80
RATED VR APPLIED
dc
SQUARE WAVE
6.0
2.0
12
10
TJ = 150°C
dc
SQUARE WAVE
1.7
1.1
0.7
1.5
TJ = 150°C
100
°C
25
°C
125
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com