Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331M7 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331M7
Description  LMV331-N Single LMV393-N Dual LMV339-N Quad General Purpose, Low Voltage, Tiny
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV331M7 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV331M7 Datasheet HTML 2Page - Texas Instruments LMV331M7 Datasheet HTML 3Page - Texas Instruments LMV331M7 Datasheet HTML 4Page - Texas Instruments LMV331M7 Datasheet HTML 5Page - Texas Instruments LMV331M7 Datasheet HTML 6Page - Texas Instruments LMV331M7 Datasheet HTML 7Page - Texas Instruments LMV331M7 Datasheet HTML 8Page - Texas Instruments LMV331M7 Datasheet HTML 9Page - Texas Instruments LMV331M7 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
0
5
10
0
100
200
300
400
500
ISINK (mA)
85°C
-40°C
25°C
1
2
3
4
6
7
8
9
LMV331-N, LMV339-N, LMV393-N
SNOS018G – AUGUST 1999 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified, VS = +5V, single supply, TA = 25°C
Supply Current
Supply Current
vs.
vs.
Supply Voltage Output High (LMV331-N)
Supply Voltage Output Low (LMV331-N)
Figure 3.
Figure 4.
Output Voltage
Output Voltage
vs.
vs.
Output Current at 5V Supply
Output Current at 2.7 Supply
Figure 5.
Figure 6.
Input Bias Current
Response Time
vs.
vs.
Supply Voltage
Input Overdrives Negative Transition
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMV331-N LMV339-N LMV393-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com