Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331M7 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331M7
Description  LMV331-N Single LMV393-N Dual LMV339-N Quad General Purpose, Low Voltage, Tiny
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV331M7 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMV331M7 Datasheet HTML 11Page - Texas Instruments LMV331M7 Datasheet HTML 12Page - Texas Instruments LMV331M7 Datasheet HTML 13Page - Texas Instruments LMV331M7 Datasheet HTML 14Page - Texas Instruments LMV331M7 Datasheet HTML 15Page - Texas Instruments LMV331M7 Datasheet HTML 16Page - Texas Instruments LMV331M7 Datasheet HTML 17Page - Texas Instruments LMV331M7 Datasheet HTML 18Page - Texas Instruments LMV331M7 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LMV331-N, LMV339-N, LMV393-N
www.ti.com
SNOS018G – AUGUST 1999 – REVISED FEBRUARY 2013
Figure 21. Driving CMOS
Figure 22. Driving TTL
AND GATES
The comparator can be used as three input AND gate. The operation of the gate is as follows:
The resistor divider at the inverting input establishes a reference voltage at that node. The non-inverting input is
the sum of the voltages at the inputs divided by the voltage dividers. The output will go high only when all three
inputs are high, casing the voltage at the non-inverting input to go above that at inverting input. The circuit values
shown work for a "0" equal to ground and a "1" equal to 5V.
The resistor values can be altered if different logic levels are desired. If more inputs are required, diodes are
recommended to improve the voltage margin when all but one of the inputs are high.
Figure 23. AND Gate
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMV331-N LMV339-N LMV393-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com