Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32DMB Datasheet(PDF) 4 Page - Texas Instruments

Part # AM26LS32DMB
Description  DS26LS32MQML Quad Differential Line Receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS32DMB Datasheet(HTML) 4 Page - Texas Instruments

  AM26LS32DMB Datasheet HTML 1Page - Texas Instruments AM26LS32DMB Datasheet HTML 2Page - Texas Instruments AM26LS32DMB Datasheet HTML 3Page - Texas Instruments AM26LS32DMB Datasheet HTML 4Page - Texas Instruments AM26LS32DMB Datasheet HTML 5Page - Texas Instruments AM26LS32DMB Datasheet HTML 6Page - Texas Instruments AM26LS32DMB Datasheet HTML 7Page - Texas Instruments AM26LS32DMB Datasheet HTML 8Page - Texas Instruments AM26LS32DMB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS26LS32MQML
SNOSAM6B – OCTOBER 2005 – REVISED APRIL 2013
www.ti.com
DS26LS32M 883 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified. VCC = 5V
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
VCC = 5.5V, VIN = 15V (Pin under
test), other inputs -15V,
(1)
2.3
mA
1, 2, 3
≤ VIN ≤ +15V
IIN
Input Current
VCC = 5.5V, VIN = -15V (Pin under
test), other inputs -15V,
(1)
-2.8
mA
1, 2, 3
≤ VIN ≤ +15V
IIL
Logical "0" ENABLE Current
VCC = 5.5V, VIN = 0.4V
(1)
-360
uA
1, 2, 3
IIH
Logical "1" ENABLE Current
VCC = 5.5V, VIN = 2.7V
(1)
20
uA
1, 2, 3
II
Logical "1" ENABLE Current
VCC =5.5V, VIN = 5.5V
(1)
100
uA
1, 2, 3
VIC
Input Clamp Voltage (ENABLE)
VCC = 4.5V, IIN = -18mA
(1)
-1.5
V
1, 2, 3
VCC = 4.5V, IOH = -440uA,
VOH
Logical "1" Output Voltage
(1)
2.5
V
1, 2, 3
ΔVIN = 1V, V ENABLE = 0.8V
VCC = 4.5V, IOL = 4mA,
(1)
.4
V
1, 2, 3
ΔVIN = -1V, V ENABLE = 0.8V
VOL
Logical "0" Output Voltage
VCC = 4.5V, IOL = 8mA,
(1)
.45
V
1, 2, 3
ΔVIN = -1V, V ENABLE = 0.8V
VCC = 5.5V, VO = 0V,
IOS (MIN)
Output Short Circuit Current
(1)
-15
mA
1, 2, 3
ΔVIN = 1V
VCC = 5.5V, VO = 0V,
IOS (MAX)
Output Short Circuit Current
(1)
-85
mA
1, 2, 3
ΔVIN = 1V
VCC = 5.5V, All VIN = GND, Outputs
ICC
Supply Current
(1)
70
mA
1, 2, 3
Disabled
VCC = 5.5V, VO = 0.4V
(1)
-20
uA
1, 2, 3
IO
Off-State Output Current
VCC = 5.5V, VO = 2.4V
(1)
20
uA
1, 2, 3
VTH
Differential Input Voltage
-7V
≤ VCM ≤ 7V
(1) (2)
-0.2
0.2
V
1, 2, 3
RIN
Input Resistance
-15V
≤ VCM ≤ 15V
(1)
6
kohm
1, 2, 3
Logical "0" Input Voltage
VIL
VCC = 4.5V
(1) (2)
0.8
V
1, 2, 3
(ENABLE)
Logical "1" Input Voltage
VIH
VCC = 4.5V
(1) (2)
2
V
1, 2, 3
(ENABLE)
(1)
For Subgroups 1 and 2, power dissipation must be externally controlled at elevated temperatures.
(2)
Parameter tested go-no-go only.
DS26LS32M 883 Electrical Characteristics AC Parameters - Propagation Delay Time
The following conditions apply, unless otherwise specified. VCC = 5V
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
tPLH
Propagation Delay Time
CL = 15PF
(1)
30
nS
9,11,
tPLH
Propagation Delay Time
CL = 15PF
(1)
120
nS
10
tPHL
Propagation Delay Time
CL = 15PF
(1)
30
nS
9,11,
tPHL
Propagation Delay Time
CL = 15PF
(1)
120
nS
10
ENABLE CL = 5PF
(1)
34
nS
9
tPLZ
Enable to Output
ENABLE CL = 5PF
(1)
64
nS
10
ENABLE CL = 5PF
(1)
27
nS
11
ENABLE CL = 5PF
(1)
32
nS
9,11,
tPHZ
Enable to Output
ENABLE CL = 5PF
(1)
35
nS
10
ENABLE CL = 15PF
(1)
34
nS
9
tPZL
Enable to Output
ENABLE CL = 15PF
(1)
65
nS
10
ENABLE CL = 15PF
(1)
27
nS
11
(1)
Tested at 25°C, specified but not tested at +125°C &
−55°C
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS26LS32MQML



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com