Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32DMB Datasheet(PDF) 3 Page - Texas Instruments

Part # AM26LS32DMB
Description  DS26LS32MQML Quad Differential Line Receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS32DMB Datasheet(HTML) 3 Page - Texas Instruments

  AM26LS32DMB Datasheet HTML 1Page - Texas Instruments AM26LS32DMB Datasheet HTML 2Page - Texas Instruments AM26LS32DMB Datasheet HTML 3Page - Texas Instruments AM26LS32DMB Datasheet HTML 4Page - Texas Instruments AM26LS32DMB Datasheet HTML 5Page - Texas Instruments AM26LS32DMB Datasheet HTML 6Page - Texas Instruments AM26LS32DMB Datasheet HTML 7Page - Texas Instruments AM26LS32DMB Datasheet HTML 8Page - Texas Instruments AM26LS32DMB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS26LS32MQML
www.ti.com
SNOSAM6B – OCTOBER 2005 – REVISED APRIL 2013
Absolute Maximum Ratings
(1)
Supply Voltage
7V
Common-Mode Range
±25V
Differential Input Voltage
±25V
Enable Voltage
7V
Output Sink Current
50 mA
Maximum Power Dissipation at 25°C (2)
NFE0016A Package
1666.5 mW
NAJ0020A Package
1875 mW
NAD0016A Package
967.74 mW
Junction Temperature (TJ)
+150°C
Thermal Resistance, Junction-to-Ambient
θJA
NFE0016A Package
100°C/W
NAJ0020A Package
130°C/W
NAD0016A Package
140°C/W
Thermal Resistance, Junction-to-Ambient
θJC
See MIL-STD-1835
Storage Temperature Range
−65°C to +165°C
Lead Temperature (Soldering, 4 seconds)
260°C
ESD Tolerance (3)
500V
(1)
Absolute Maximum Ratings are those values beyond which the safety of the device cannot be verified. They are not meant to imply that
the device should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
(2)
Derate NFE0016A, package 11.11 mW/°C above 25°C; derate NAJ0020A package 12.5 mW/°C above 25°C; derate NAD0016A
Package 6.4516 mW/°C for above 25°C.
(3)
Human body model, 1.5k
Ω in series with 100pF.
Recommended Operating Conditions
Supply Voltage, VCC
4.5 V to 5.5 V
Temperature, TA
−55°C to +125°C
Quality Conformance Inspection
MIL-STD-883, Method 5005 - Group A
Subgroup
Description
Temp ( °C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS26LS32MQML



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com