Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC122S021 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC122S021
Description  ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC122S021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC122S021 Datasheet HTML 9Page - Texas Instruments ADC122S021 Datasheet HTML 10Page - Texas Instruments ADC122S021 Datasheet HTML 11Page - Texas Instruments ADC122S021 Datasheet HTML 12Page - Texas Instruments ADC122S021 Datasheet HTML 13Page - Texas Instruments ADC122S021 Datasheet HTML 14Page - Texas Instruments ADC122S021 Datasheet HTML 15Page - Texas Instruments ADC122S021 Datasheet HTML 16Page - Texas Instruments ADC122S021 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ADC102S021
www.ti.com
SNAS281G – FEBRUARY 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
TA = +25°C, fSAMPLE = 50 ksps to 200 ksps, fSCLK = 0.8 MHz to 3.2 MHz, fIN = 39.9 kHz unless otherwise stated.
SFDR vs. Clock Frequency
SINAD vs. Clock Frequency
Figure 31.
Figure 32.
SFDR vs. Clock Duty Cycle
SINAD vs. Clock Duty Cycle
Figure 33.
Figure 34.
SFDR vs. Input Frequency
SINAD vs. Input Frequency
Figure 35.
Figure 36.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC102S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com