Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC122S021 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADC122S021
Description  ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC122S021 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADC122S021 Datasheet HTML 15Page - Texas Instruments ADC122S021 Datasheet HTML 16Page - Texas Instruments ADC122S021 Datasheet HTML 17Page - Texas Instruments ADC122S021 Datasheet HTML 18Page - Texas Instruments ADC122S021 Datasheet HTML 19Page - Texas Instruments ADC122S021 Datasheet HTML 20Page - Texas Instruments ADC122S021 Datasheet HTML 21Page - Texas Instruments ADC122S021 Datasheet HTML 22Page - Texas Instruments ADC122S021 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
VIN
D1
R1
C2
30 pF
VA
D2
C1
3 pF
Conversion Phase - Switch Open
Track Phase - Switch Closed
ADC102S021
www.ti.com
SNAS281G – FEBRUARY 2005 – REVISED MARCH 2013
Figure 51. Equivalent Input Circuit
DIGITAL INPUTS AND OUTPUTS
The ADC102S021's digital output DOUT is limited by, and cannot exceed, the supply voltage, VA. The digital
input pins are not prone to latch-up and, and although not recommended, SCLK, CS and DIN may be asserted
before VA without any latchup risk.
POWER SUPPLY CONSIDERATIONS
The ADC102S021 is fully powered-up whenever CS is low, and fully powered-down whenever CS is high, with
one exception: the ADC102S021 automatically enters power-down mode between the 16th falling edge of a
conversion and the 1st falling edge of the subsequent conversion (see Timing Diagrams).
The ADC102S021 can perform multiple conversions back to back; each conversion requires 16 SCLK cycles.
The ADC102S021 will perform conversions continuously as long as CS is held low.
The user may trade off throughput for power consumption by simply performing fewer conversions per unit time.
The Power Consumption vs. Sample Rate curve in the Typical Performace Characteristics section shows the
typical power consumption of the ADC102S021 versus throughput. To calculate the power consumption, simply
multiply the fraction of time spent in the normal mode by the normal mode power consumption , and add the
fraction of time spent in shutdown mode multiplied by the shutdown mode power dissipation.
Power Management
When the ADC102S021 is operated continuously in normal mode, the maximum throughput is fSCLK/16.
Throughput may be traded for power consumption by running fSCLK at its maximum 3.2 MHz and performing
fewer conversions per unit time, putting the ADC102S021 into shutdown mode between conversions. A plot of
typical power consumption versus throughput is shown in the Typical Performance Characteristics section. To
calculate the power consumption for a given throughput, multiply the fraction of time spent in the normal mode by
the normal mode power consumption and add the fraction of time spent in shutdown mode multiplied by the
shutdown mode power consumption. Generally, the user will put the part into normal mode and then put the part
back into shutdown mode. Note that the curve of power consumption vs. throughput is nearly linear. This is
because the power consumption in the shutdown mode is so small that it can be ignored for all practical
purposes.
Power Supply Noise Considerations
The charging of any output load capacitance requires current from the power supply, VA. The current pulses
required from the supply to charge the output capacitance will cause voltage variations on the supply. If these
variations are large enough, they could degrade SNR and SINAD performance of the ADC. Furthermore,
discharging the output capacitance when the digital output goes from a logic high to a logic low will dump current
into the die substrate, which is resistive. Load discharge currents will cause "ground bounce" noise in the
substrate that will degrade noise performance if that current is large enough. The larger is the output
capacitance, the more current flows through the die substrate and the greater is the noise coupled into the
analog channel, degrading noise performance.
To keep noise out of the power supply, keep the output load capacitance as small as practical. If the load
capacitance is greater than 50 pF, use a 100
Ω series resistor at the ADC output, located as close to the ADC
output pin as practical. This will limit the charge and discharge current of the output capacitance and improve
noise performance.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADC102S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com