Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCN/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # ADC0804LCN/NOPB
Description  8-Bit muP Compatible A/D Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0804LCN/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADC0804LCN/NOPB Datasheet HTML 22Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 23Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 24Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 25Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 26Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 27Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 28Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 29Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
www.ti.com
There are some alternatives available to the designer to handle this problem. Basically, the capacitive loading of
the data bus slows down the response time, even though DC specifications are still met. For systems operating
with a relatively slow CPU clock frequency, more time is available in which to establish proper logic levels on the
bus and therefore higher capacitive loads can be driven (see typical characteristics curves).
At higher CPU clock frequencies time can be extended for I/O reads (and/or writes) by inserting wait states
(8080) or using clock extending circuits (6800).
Finally, if time is short and capacitive loading is high, external bus drivers must be used. These can be TRI-
STATE buffers (low power Schottky such as the DM74LS240 series is recommended) or special higher drive
current products which are designed as bus drivers. High current bipolar bus drivers with PNP inputs are
recommended.
Power Supplies
Noise spikes on the VCC supply line can cause conversion errors as the comparator will respond to this noise. A
low inductance tantalum filter capacitor should be used close to the converter VCC pin and values of 1 µF or
greater are recommended. If an unregulated voltage is available in the system, a separate LM340LAZ-5.0, TO-
92, 5V voltage regu- lator for the converter (and other analog circuitry) will greatly reduce digital noise on the VCC
supply.
Wiring and Hook-Up Precautions
Standard digital wire wrap sockets are not satisfactory for breadboarding this A/D converter. Sockets on PC
boards can be used and all logic signal wires and leads should be grouped and kept as far away as possible
from the analog signal leads. Exposed leads to the analog inputs can cause undesired digital noise and hum
pickup, therefore shielded leads may be necessary in many applications.
A single point analog ground that is separate from the logic ground points should be used. The power supply
bypass capacitor and the self-clocking capacitor (if used) should both be returned to digital ground. Any VREF/2
bypass capacitors, analog input filter capacitors, or input signal shielding should be returned to the analog
ground point. A test for proper grounding is to measure the zero error of the A/D converter. Zero errors in excess
of 1/4 LSB can usually be traced to improper board layout and wiring (see Zero Error for measuring the zero
error).
TESTING THE A/D CONVERTER
There are many degrees of complexity associated with test- ing an A/D converter. One of the simplest tests is to
apply a known analog input voltage to the converter and use LEDs to display the resulting digital output code as
shown in Figure 53.
For ease of testing, the VREF/2 (pin 9) should be supplied with 2.560 VDC and a VCC supply voltage of 5.12 VDC
should be used. This provides an LSB value of 20 mV.
If a full-scale adjustment is to be made, an analog input voltage of 5.090 VDC (5.120–1/⁄2 LSB) should be applied
to the VIN(+) pin with the VIN(−) pin grounded. The value of the VREF/2 input voltage should then be adjusted until
the digital output code is just changing from 1111 1110 to 1111 1111. This value of VREF/2 should then be used
for all the tests.
The digital output LED display can be decoded by dividing the 8 bits into 2 hex characters, the 4 most significant
(MS) and the 4 least significant (LS). Table 2 shows the fractional binary equivalent of these two 4-bit groups. By
adding the voltages obtained from the "VM" and "VLS" columns in Table 2 , the nominal value of the digital
display (when VREF/2 = 2.560V) can be determined. For example, for an output LED display of 1011 0110 or B6
(in hex), the voltage values from the table are 3.520 + 0.120 or 3.640 VDC. These voltage values represent the
center-values of a perfect A/D converter. The effects of quantization error have to be accounted for in the
interpretation of the test results.
26
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com