Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCN/NOPB Datasheet(PDF) 38 Page - Texas Instruments

Part # ADC0804LCN/NOPB
Description  8-Bit muP Compatible A/D Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0804LCN/NOPB Datasheet(HTML) 38 Page - Texas Instruments

Back Button ADC0804LCN/NOPB Datasheet HTML 34Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 35Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 36Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 37Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 38Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 39Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 40Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 41Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
www.ti.com
Figure 63. Microprocessor Interface Circuitry for Differential Preamp
A flow chart for the zeroing subroutine is shown in Figure 64. It must be noted that the ADC0801 series will
output an all zero code when it converts a negative input [VIN(−) ≥ VIN(+)]. Also, a logic inversion exists as all of
the I/O ports are buffered with inverting gates.
Basically, if the data read is zero, the differential output voltage is negative, so a bit in Port B is cleared to pull VX
more negative which will make the output more positive for the next conversion. If the data read is not zero, the
output voltage is positive so a bit in Port B is set to make VX more positive and the output more negative. This
continues for 8 approximations and the differential output eventually converges to within 5 mV of zero.
The actual program is given in Figure 65. All addresses used are compatible with the BLC 80/10 microcomputer
system. In particular:
•
Port A and the ADC0801 are at port address E4
•
Port B is at port address E5
•
Port C is at port address E6
•
PPI control word port is at port address E7
•
Program Counter automatically goes to ADDR:3C3D upon acknowledgment of an interrupt from the ADC0801
Multiple A/D Converters in a Z-80 Interrupt Driven Mode
In data acquisition systems where more than one A/D converter (or other peripheral device) will be interrupting
pro- gram execution of a microprocessor, there is obviously a need for the CPU to determine which device
requires servicing. Figure 66 and the accompanying software is a method of determining which of 7 ADC0801
converters has completed a conversion (INTR asserted) and is requesting an interrupt. This circuit allows starting
the A/D converters in any sequence, but will input and store valid data from the converters with a priority
sequence of A/D 1 being read first, A/D 2 second, etc., through A/D 7 which would have the lowest priority for
data being read. Only the converters whose INT is asserted will be read.
38
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com