Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1050/R Datasheet(PDF) 33 Page - Texas Instruments

Part # CC1050/R
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/R Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC1050/R Datasheet HTML 29Page - Texas Instruments CC1050/R Datasheet HTML 30Page - Texas Instruments CC1050/R Datasheet HTML 31Page - Texas Instruments CC1050/R Datasheet HTML 32Page - Texas Instruments CC1050/R Datasheet HTML 33Page - Texas Instruments CC1050/R Datasheet HTML 34Page - Texas Instruments CC1050/R Datasheet HTML 35Page - Texas Instruments CC1050/R Datasheet HTML 36Page - Texas Instruments CC1050/R Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
CC1050
SWRS044
Page 33 of 40
PA_POW Register (0Bh)
REGISTER
NAME
Default
value
Active
Description
PA_POW[7:4]
PA_HIGHPOWER[3:0]
0000
-
Control of output power in high power array.
Should be 0000 in PD mode . See
Table
3 page 25 for details.
PA_POW[3:0]
PA_LOWPOWER[3:0]
1111
-
Control of output power in low power array
Should be 0000 in PD mode. See
Table
3 page 25 for details.
PLL Register (0Ch)
REGISTER
NAME
Default
value
Active
Description
PLL[7]
EXT_FILTER
0
-
1 : External loop filter
0 : Internal loop filter
1-to-0 transition samples F_COMP
comparator when BREAK_LOOP=1
(TEST3)
PLL[6:3]
REFDIV[3:0]
0010
-
Reference divider
0000 : Not allowed
0001 : Not allowed
0010 : Divide by 2
0011 : Divide by 3
...........
1111 : Divide by 15
PLL[2]
ALARM_DISABLE
0
h
0 : Alarm function enabled
1 : Alarm function disabled
PLL[1]
ALARM_H
-
-
Status bit for tuning voltage out of range
(too close to VDD)
PLL[0]
ALARM_L
-
-
Status bit for tuning voltage out of range
(too close to GND)
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com