Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1050/R Datasheet(PDF) 22 Page - Texas Instruments

Part # CC1050/R
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/R Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC1050/R Datasheet HTML 18Page - Texas Instruments CC1050/R Datasheet HTML 19Page - Texas Instruments CC1050/R Datasheet HTML 20Page - Texas Instruments CC1050/R Datasheet HTML 21Page - Texas Instruments CC1050/R Datasheet HTML 22Page - Texas Instruments CC1050/R Datasheet HTML 23Page - Texas Instruments CC1050/R Datasheet HTML 24Page - Texas Instruments CC1050/R Datasheet HTML 25Page - Texas Instruments CC1050/R Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
CC1050
SWRS044
Page 22 of 40
Power Down
Power Off
Power turned on
Initialise and reset:
MAIN:
F_REG = 0
TX_PD = 1
FS_PD = 1
CORE_PD = 0
BIAS_PD = 1
RESET_N = 0
Program all registers except MAIN
Calibrate VCO and PLL
Calibration is performed according
to calibration algorithm
MAIN: RESET_N = 1
Wait 2 ms*
Reset and turn on the
crystal oscillator core
*Time to wait depends on the crystal frequency
and the load capacitance
PA_POW = 00h
MAIN: TX_PD = 1, FS_PD = 1,
CORE_PD = 1, BIAS_PD = 1
Power Down
Power Off
Power turned on
Initialise and reset:
MAIN:
F_REG = 0
TX_PD = 1
FS_PD = 1
CORE_PD = 0
BIAS_PD = 1
RESET_N = 0
Program all registers except MAIN
Calibrate VCO and PLL
Calibration is performed according
to calibration algorithm
MAIN: RESET_N = 1
Wait 2 ms*
Reset and turn on the
crystal oscillator core
*Time to wait depends on the crystal frequency
and the load capacitance
PA_POW = 00h
MAIN: TX_PD = 1, FS_PD = 1,
CORE_PD = 1, BIAS_PD = 1
Figure 13. Initializing sequence
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com