Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C032TMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C032TMX/NOPB
Description  DS90C032 LVDS Quad CMOS Differential Line Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90C032TMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DS90C032TMX/NOPB Datasheet HTML 1Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 2Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 3Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 4Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 5Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 6Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 7Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 8Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DS90C032
www.ti.com
SNLS094D – JUNE 1998 – REVISED APRIL 2013
DS90C032 LVDS Quad CMOS Differential Line Receiver
Check for Samples: DS90C032
1
FEATURES
DESCRIPTION
TheDS90C032 is a quad CMOS differential line
2
•
>155.5 Mbps (77.7 MHz) switching rates
receiver designed for applications requiring ultra low
•
Accepts small swing (350 mV) differential
power dissipation and high data rates. The device
signal levels
supports data rates in excess of 155.5 Mbps (77.7
•
Ultra low power dissipation
MHz) and uses Low Voltage Differential Signaling
(LVDS) technology.
•
600 ps maximum differential skew (5V, 25°C)
TheDS90C032
accepts
low
voltage
(350
mV)
•
6.0 ns maximum propagation delay
differential input signals and translates them to
•
Industrial operating temperature range
CMOS (TTL compatible) output levels. The receiver
•
Military operating temperature range option
supports a TRI-STATE function that may be used to
•
Available in surface mount packaging (SOIC)
multiplex outputs. The receiver also supports OPEN,
shorted, and terminated (100
Ω) input Failsafe with
and (LCCC)
the addition of external failsafe biasing. Receiver
•
Pin compatible with DS26C32A, MB570
output will be HIGH for both Failsafe conditions.
(PECL), and 41LF (PECL)
TheDS90C032
and
companion
line
driver
•
Supports OPEN input fail-safe
(DS90C031) provide a new alternative to high power
•
Supports short and terminated input fail-safe
pseudo-ECL devices for high speed point-to-point
with the addition of external failsafe biasing
interface applications.
•
Compatible with IEEE 1596.3 SCI LVDS
standard
•
Conforms to ANSI/TIA/EIA-644 LVDS standard
•
Available to Standard Microcircuit Drawing
(SMD) 5962-95834
Connection Diagram
Dual-In-Line
Figure 1. See Package Number D (R-PDSO-G16)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90C032TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C032TMX/NOPB TI1-DS90C032TMX/NOPB Datasheet
864Kb / 18P
Quad CMOS Differential Line Receiver
DS90C032TMX/NOPB TI2-DS90C032TMX/NOPB Datasheet
421Kb / 18P
DS90C032 LVDS Quad CMOS Differential Line Receiver
REVISED APRIL 2013
DS90C032TMX/NOPB.A TI2-DS90C032TMX/NOPB.A Datasheet
421Kb / 18P
DS90C032 LVDS Quad CMOS Differential Line Receiver
REVISED APRIL 2013
More results

Similar Description - DS90C032TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
LVDS Quad CMOS Differential Line Receiver
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B_03 Datasheet
193Kb / 9P
LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML Datasheet
325Kb / 18P
DS90C032QML LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
LVDS Quad CMOS Differential Line Receiver
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
LVDS Quad CMOS Differential Line Receiver
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
3V LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com