Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C032TMX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C032TMX/NOPB
Description  DS90C032 LVDS Quad CMOS Differential Line Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90C032TMX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS90C032TMX/NOPB Datasheet HTML 6Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 7Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 8Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 9Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 10Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 11Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 12Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 13Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
VCC = 5V
Freq = 65 MHz
VID = 200 mV
CL = 5 pF
tPLHD
tPHLD
TA ± Ambient Temperature (°C)
5
4
3
2
1
±40
±15
10
35
60
85
VCC ± Power Supply Voltage (V)
TA = 25°C
Freq = 65 MHz
VID = 200 mV
CL = 5 pF
4.75
4.5
tPLHD
tPHLD
5
5.25
5.5
5
4
3
2
1
TA = 25°C
VOUT = 0V
±100
±80
±60
±40
±20
0
4.5
4.75
5
5.25
5.5
VCC ± Power Supply Voltage (V)
VCC = 5V
VOUT = 0V
TA ± Ambient Temperature (°C)
±100
±80
±60
±40
±20
0
±40
±15
10
35
60
85
DS90C032
SNLS094D – JUNE 1998 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Output Short Circuit Current
Output Short Circuit Current
vs Power Supply Voltage
vs Ambient Temperature
Figure 11.
Figure 12.
Differential Propagation Delay
vs
Differential Propagation Delay
Power Supply Voltage
vs Ambient Temperature
Figure 13.
Figure 14.
10
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS90C032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com