Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC400 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC400
Description  Compact, Surface Mount Type OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC400 Datasheet(HTML) 3 Page - Sharp Corporation

  PC400 Datasheet HTML 1Page - Sharp Corporation PC400 Datasheet HTML 2Page - Sharp Corporation PC400 Datasheet HTML 3Page - Sharp Corporation PC400 Datasheet HTML 4Page - Sharp Corporation PC400 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
200
100
150
100
50
0
255075
130
85
Fig. 2 Power Dissipation vs.
Ambient Temperature
Ambient temperature Ta (˚C)
10
20
60
50
40
30
0
- 25
0
25
50
75
100
85
Fig. 1 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
0.2
0.4
0.6
1.4
510
20
015
1.2
1.0
0.8
Supply voltage V CC (V)
50˚C
25˚C
0˚C
0
1
2
5
10
20
50
100
200
500
0.5
1.0
1.5
2.0
2.5
3.0
Fig. 3 Forward Current vs.
Forward Voltage
Forward voltage V F (V)
- 25˚C
Fig. 4 Relative Threshold Input Current vs.
Supply Voltage
0.2
0.4
0.6
0.8
1.6
0
25
50
100
-25
75
1.4
1.2
1.0
Ambient temperature T a (˚C)
0.01
1
0.02
0.05
0.1
1.0
2
5
10
100
50
20
0.2
0.5
Low level output current I OL ( mA )
Fig. 5 Relative Threshold Input Current vs.
Ambient Temperature
PC400
Fig. 6 Low Level Output Voltage vs.
Low Level Output Current
-25
P tot
P O
I FHL
I FLH
Ta = 25˚C
IFHL = 1 at V CC =5V
Ta = 75˚C
I FHL
I FLH
VCC =5V
I FHL = 1 at T a = 25˚C
VCC =5V
IF = 4mA
Ta = 25˚C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com