Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC400 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC400
Description  Compact, Surface Mount Type OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC400 Datasheet(HTML) 4 Page - Sharp Corporation

  PC400 Datasheet HTML 1Page - Sharp Corporation PC400 Datasheet HTML 2Page - Sharp Corporation PC400 Datasheet HTML 3Page - Sharp Corporation PC400 Datasheet HTML 4Page - Sharp Corporation PC400 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.2
0.3
0.5
- 25
0
25
50
100
0.1
0
0.4
75
16mA
5mA
Ambient temperature T a (˚C)
Fig. 7 Low Level Output Voltage vs.
Ambient Temperature
PC400
0
1
2
9
59
17
113
5
4
3
6
7
8
11
15
7
3
25˚C
85˚C
25˚C
85˚C
Supply Voltage
Supply voltage V CC (V)
0
1
2
3
4
5
10
20
30
40
60
050
Forward Current
0
0.1
0.1
0.2
0.3
0.4
0.5
0.2
0.5
1
2
5
10
20
L ( k Ω )
VCC =5V
Ta = 25˚C
IF = 4mA
t r
t f
Forward current I F ( mA )
- 25˚C
Fig.10 Rise Time, Fall Time vs.
Fig. 9 Propagation Delay Time vs.
Fig. 8 Supply Current vs.
s Preautions for Use
GND near the device in order to stabilize power supply line.
( 2) Handle this product the same as with other integrated circuits against static electricity.
( 3) As for other general cautions, refer to the chapter “Precautions for Use ”
( 1) It is recommended that a by-pass capacitor of more than 0.01
µF be added between V
CC
and
VCC =5V
IF = 4mA
IOL = 30mA
Ta = - 25˚C
ICCL
ICCL
ICCH
ICCH
t PHL
t PLH
VCC =5V
RL = 280Ω
Ta = 25˚C
Load resistance R
Load Resistance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com